Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85RC64A Datasheet(PDF) 26 Page - RAMXEED LIMITED

Part # MB85RC64A
Description  64 K (8 K x 8) Bit I2C
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RC64A Datasheet(HTML) 26 Page - RAMXEED LIMITED

Back Button MB85RC64A Datasheet HTML 18Page - RAMXEED LIMITED MB85RC64A Datasheet HTML 19Page - RAMXEED LIMITED MB85RC64A Datasheet HTML 20Page - RAMXEED LIMITED MB85RC64A Datasheet HTML 21Page - RAMXEED LIMITED MB85RC64A Datasheet HTML 22Page - RAMXEED LIMITED MB85RC64A Datasheet HTML 23Page - RAMXEED LIMITED MB85RC64A Datasheet HTML 24Page - RAMXEED LIMITED MB85RC64A Datasheet HTML 25Page - RAMXEED LIMITED MB85RC64A Datasheet HTML 26Page - RAMXEED LIMITED  
Zoom Inzoom in Zoom Outzoom out
 26 / 26 page
background image
MB85RC64A
RAMXEED LIMITED
Shin-Yokohama Chuo Building, 2-100-45 Shin-Yokohama,
Kohoku-ku, Yokohama, Kanagawa 222-0033, Japan
https://ramxeed.com/
All Rights Reserved.
RAMXEED LIMITED, its subsidiaries and affiliates (collectively, "RAMXEED ") reserves the right to make changes to the infor-
mation contained in this document without notice. Please contact your RAMXEED sales representatives before order of RAMXEED
device.
Information contained in this document, such as descriptions of function and application circuit examples is presented solely for
reference to examples of operations and uses of RAMXEED device. RAMXEED disclaims any and all warranties of any kind, wheth-
er express or implied, related to such information, including, without limitation, quality, accuracy, performance, proper operation of
the device or non-infringement. If you develop equipment or product incorporating the RAMXEED device based on such informa-
tion, you must assume any responsibility or liability arising out of or in connection with such information or any use thereof. RAMX-
EED assumes no responsibility or liability for any damages whatsoever arising out of or in connection with such information or any
use thereof.
Nothing contained in this document shall be construed as granting or conferring any right under any patents, copyrights, or any other
intellectual property rights of RAMXEED or any third party by license or otherwise, express or implied. RAMXEED assumes no
responsibility or liability for any infringement of any intellectual property rights or other rights of third parties resulting from or in
connection with the information contained herein or use thereof.
The products described in this document are designed, developed and manufactured as contemplated for general use including
without limitation, ordinary industrial use, general office use, personal use, and household use, but are not designed, developed and
manufactured as contemplated (1) for use accompanying fatal risks or dangers that, unless extremely high levels of safety is secured,
could lead directly to death, personal injury, severe physical damage or other loss (including, without limitation, use in nuclear
facility, aircraft flight control system, air traffic control system, mass transport control system, medical life support system and
military application), or (2) for use requiring extremely high level of reliability (including, without limitation, submersible repeater
and artificial satellite). RAMXEED shall not be liable for you and/or any third party for any claims or damages arising out of or in
connection with above-mentioned uses of the products.
Any semiconductor devices fail or malfunction with some probability. You are responsible for providing adequate designs and
safeguards against injury, damage or loss from such failures or malfunctions, by incorporating safety design measures into your
facility, equipments and products such as redundancy, fire protection, and prevention of overcurrent levels and other abnormal
operating conditions.
The products and technical information described in this document are subject to the Foreign Exchange and Foreign Trade Control
Law of Japan, and may be subject to export or import laws or regulations in U.S. or other countries. You are responsible for ensuring
compliance with such laws and regulations relating to export or re-export of the products and technical information described herein.
All company names, brand names and trademarks herein are property of their respective owners.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com