Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85RC64A Datasheet(PDF) 1 Page - RAMXEED LIMITED

Part # MB85RC64A
Description  64 K (8 K x 8) Bit I2C
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RC64A Datasheet(HTML) 1 Page - RAMXEED LIMITED

  MB85RC64A Datasheet HTML 1Page - RAMXEED LIMITED MB85RC64A Datasheet HTML 2Page - RAMXEED LIMITED MB85RC64A Datasheet HTML 3Page - RAMXEED LIMITED MB85RC64A Datasheet HTML 4Page - RAMXEED LIMITED MB85RC64A Datasheet HTML 5Page - RAMXEED LIMITED MB85RC64A Datasheet HTML 6Page - RAMXEED LIMITED MB85RC64A Datasheet HTML 7Page - RAMXEED LIMITED MB85RC64A Datasheet HTML 8Page - RAMXEED LIMITED MB85RC64A Datasheet HTML 9Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Copyright 2024.10 RAMXEED LIMITED
Fujitsu Semiconductor Memory Solutions Limited has changed its name to RAMXEED Limited.
RAMXEED Limited will continue to offer and support existing products while maintaining Fujitsu's
part number unchanged.
Memory FeRAM
64 K (8 K  8) Bit I2C
MB85RC64A
DESCRIPTION
The MB85RC64A is an FeRAM (Ferroelectric Random Access Memory) chip in a configuration of 8,192
words  8 bits, using the ferroelectric process and silicon gate CMOS process technologies for forming the
nonvolatile memory cells.
Unlike SRAM, the MB85RC64A is able to retain data without using a data backup battery.
The read/write endurance of the nonvolatile memory cells used for the MB85RC64A has improved to be at
least 1012 cycles, significantly outperforming Flash memory and E2PROM in the number.
The MB85RC64A does not need a polling sequence after writing to the memory such as the case of Flash
memory or E2PROM.
FEATURES
• Bit configuration
: 8,192 words  8 bits
• Two-wire serial interface
: Fully controllable by two ports: serial clock (SCL) and serial data (SDA).
• Operating frequency
: 1 MHz (Max)
• Read/write endurance
: 1012 times / byte
• Data retention
: 10 years (  85 C), 95 years (  55 C), over 200 years (  35 C)
• Operating power supply voltage : 2.7 V to 3.6 V
• Low power consumption
: Operating power supply current 250 A (Typ @1 MHz)
Standby current 5 A (Typ)
• Operation ambient temperature range :  40 C to + 85 C
• Package
: 8-pin plastic SOP
RoHS compliant
DS501-00019-5v2-E


Similar Part No. - MB85RC64A

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB85RC64A FUJITSU-MB85RC64A Datasheet
304Kb / 32P
64 K (8 K 횞 8) ?볝긿?뉹2C
MB85RC64APNF-G FUJITSU-MB85RC64APNF-G Datasheet
287Kb / 28P
64 K (8 K 횞 8) Bit I2C
MB85RC64APNF-G-JNE1 FUJITSU-MB85RC64APNF-G-JNE1 Datasheet
287Kb / 28P
64 K (8 K 횞 8) Bit I2C
MB85RC64APNF-G-JNERE1 FUJITSU-MB85RC64APNF-G-JNERE1 Datasheet
287Kb / 28P
64 K (8 K 횞 8) Bit I2C
More results

Similar Description - MB85RC64A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM6264B HITACHI-HM6264B Datasheet
82Kb / 15P
64 k SRAM (8-kword x 8-bit)
HM9264B HITACHI-HM9264B Datasheet
73Kb / 14P
64 k SRAM (8-kword x 8-bit)
logo
fujitsu semiconductor
MB85RC16 FUJITSU-MB85RC16 Datasheet
138Kb / 20P
Memory FRAM 16 K (2 K x 8) Bit I2C
MB85RC64 FUJITSU-MB85RC64 Datasheet
143Kb / 20P
Memory FRAM 64 K (8 K x 8) Bit I2C
MB85RS64A FUJITSU-MB85RS64A Datasheet
224Kb / 20P
Memory FRAM 64 K (8 K x 8) Bit SPI
logo
Cypress Semiconductor
CY14MB064J CYPRESS-CY14MB064J_13 Datasheet
1Mb / 30P
64-Kbit (8 K x 8) Serial (I2C) nvSRAM
CY14MB064J1A CYPRESS-CY14MB064J1A_13 Datasheet
1Mb / 28P
64-Kbit (8 K x 8) Serial (I2C) nvSRAM
logo
fujitsu semiconductor
MB85RC64APNF-G FUJITSU-MB85RC64APNF-G Datasheet
287Kb / 28P
64 K (8 K 횞 8) Bit I2C
MB85RC64PNF-G FUJITSU-MB85RC64PNF-G Datasheet
143Kb / 20P
64 K (8 K 횞 8) Bit I2C
MB85RC64TAPNF-G FUJITSU-MB85RC64TAPNF-G Datasheet
200Kb / 27P
64 K (8 K 횞 8) Bit I2C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com