Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85RC64A Datasheet(PDF) 18 Page - RAMXEED LIMITED

Part # MB85RC64A
Description  64 K (8 K x 8) Bit I2C
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RC64A Datasheet(HTML) 18 Page - RAMXEED LIMITED

Back Button MB85RC64A Datasheet HTML 14Page - RAMXEED LIMITED MB85RC64A Datasheet HTML 15Page - RAMXEED LIMITED MB85RC64A Datasheet HTML 16Page - RAMXEED LIMITED MB85RC64A Datasheet HTML 17Page - RAMXEED LIMITED MB85RC64A Datasheet HTML 18Page - RAMXEED LIMITED MB85RC64A Datasheet HTML 19Page - RAMXEED LIMITED MB85RC64A Datasheet HTML 20Page - RAMXEED LIMITED MB85RC64A Datasheet HTML 21Page - RAMXEED LIMITED MB85RC64A Datasheet HTML 22Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
MB85RC64A
18
DS501-00019-5v2-E
PACKING INFORMATION
1. Emboss Tape(MB85RC64APNF-G-AMERE2)
1.1 Tape Dimensions (not drawn to scale)
(8-pin plastic SOP 150mil)
Part number
reel diameter
(mm)
Maximum storage capacity
ICs/
reel
ICs/inner box
ICs/outer box
MB85RC64APNF-G-AMERE2
φ
254
1,500
1,500
(1 pack/inner box)
9,000
(6 inner boxes/
outer box:Max.)
(Dimensions in mm)
Heat proof temperature : No heat resistance.
Package should not be baked by using
tape and reel.
8.00
6.40
4.00
0.30
2.00
B
B
A
A
SEC.A-A
SEC.B-B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com