Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85RC64A Datasheet(PDF) 10 Page - RAMXEED LIMITED

Part # MB85RC64A
Description  64 K (8 K x 8) Bit I2C
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RC64A Datasheet(HTML) 10 Page - RAMXEED LIMITED

Back Button MB85RC64A Datasheet HTML 6Page - RAMXEED LIMITED MB85RC64A Datasheet HTML 7Page - RAMXEED LIMITED MB85RC64A Datasheet HTML 8Page - RAMXEED LIMITED MB85RC64A Datasheet HTML 9Page - RAMXEED LIMITED MB85RC64A Datasheet HTML 10Page - RAMXEED LIMITED MB85RC64A Datasheet HTML 11Page - RAMXEED LIMITED MB85RC64A Datasheet HTML 12Page - RAMXEED LIMITED MB85RC64A Datasheet HTML 13Page - RAMXEED LIMITED MB85RC64A Datasheet HTML 14Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
MB85RC64A
10
DS501-00019-5v2-E
ABSOLUTE MAXIMUM RATINGS
*: These parameters are based on the condition that VSS is 0 V.
WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current,
temperature, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
RECOMMENDED OPERATING CONDITIONS
*1: These parameters are based on the condition that VSS is 0 V.
*2: Ambient temperature when only this device is working. Please consider it to be the almost same as the
package surface temperature.
WARNING: The recommended operating conditions are required in order to ensure the normal operation of
the semiconductor device. All of the device's electrical characteristics are warranted when the
device is operated within these ranges.
Always use semiconductor devices within their recommended operating condition ranges.
Operation outside these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented
on the data sheet. Users considering application outside the listed conditions are advised to contact
their representatives beforehand.
Parameter
Symbol
Rating
Unit
Min
Max
Power supply voltage*
VDD
0.5
4.0
V
Input voltage*
VIN
0.5
VDD  0.5 (  4.0)
V
Output voltage*
VOUT
0.5
VDD  0.5 (  4.0)
V
Operation ambient temperature
TA
40
85
C
Storage temperature
Tstg
55
125
C
Parameter
Symbol
Value
Unit
Min
Typ
Max
Power supply voltage*1
VDD
2.7
3.3
3.6
V
Operation ambient temperature*2
TA
40
85
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com