Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85RC64A Datasheet(PDF) 5 Page - RAMXEED LIMITED

Part # MB85RC64A
Description  64 K (8 K x 8) Bit I2C
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RC64A Datasheet(HTML) 5 Page - RAMXEED LIMITED

  MB85RC64A Datasheet HTML 1Page - RAMXEED LIMITED MB85RC64A Datasheet HTML 2Page - RAMXEED LIMITED MB85RC64A Datasheet HTML 3Page - RAMXEED LIMITED MB85RC64A Datasheet HTML 4Page - RAMXEED LIMITED MB85RC64A Datasheet HTML 5Page - RAMXEED LIMITED MB85RC64A Datasheet HTML 6Page - RAMXEED LIMITED MB85RC64A Datasheet HTML 7Page - RAMXEED LIMITED MB85RC64A Datasheet HTML 8Page - RAMXEED LIMITED MB85RC64A Datasheet HTML 9Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
MB85RC64A
DS501-00019-5v2-E
5
DEVICE ADDRESS WORD (Slave address)
Following the start condition, the master sends the 8 bits device address word to start I2C communication.
The device address word (8 bits) consists of a device Type code (4 bits), device address code (3 bits), and
a read/write code (1 bit).
• Device Type Code (4 bits)
The upper 4 bits of the device address word are a device type code that identifies the device type, and are
fixed at “1010” for the MB85RC64A.
• Device Address Code (3 bits)
Following the device type code, the 3 bits of the device address code are input in order of A2, A1 and A0.
The device address code identifies one device from up to eight devices connected to the bus.
Each MB85RC64A is given a unique 3 bits code on the device address pin (external hardware pin A2, A1
and A0). The slave only responds if the received device address code is equal to this unique 3 bits code.
• Read/Write Code (1 bit)
The 8th bit of the device address word is the R/W (read/write) code. When the R/W code is “0”, a write
operation is enabled, and the R/W code is “1”, a read operation is enabled for the MB85RC64A.
It turns to a stand-by state if the device code is not “1010” or device address code does not equal to pins
A2, A1 and A0.
Device Address Word
..
..
Start
ACK (SDA is the "L" level)
1234567891
2
SCL
SDA
ACK
Start Condition
Device Code
Device Address Code Read/Write Code
A
S
S
10
1
0
A2
A1
A0
R/W
A
Access from master
Access from slave



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com