Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ151 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TSZ151
Description  Very high accuracy (7 μV) high bandwidth (1.6 MHz) zero-drift 5 V op amp
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ151 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TSZ151 Datasheet HTML 2Page - STMicroelectronics TSZ151 Datasheet HTML 3Page - STMicroelectronics TSZ151 Datasheet HTML 4Page - STMicroelectronics TSZ151 Datasheet HTML 5Page - STMicroelectronics TSZ151 Datasheet HTML 6Page - STMicroelectronics TSZ151 Datasheet HTML 7Page - STMicroelectronics TSZ151 Datasheet HTML 8Page - STMicroelectronics TSZ151 Datasheet HTML 9Page - STMicroelectronics TSZ151 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
GBP
Gain bandwidth product
CL = 100 pF
1.6
MHz
SR
Slew rate (2)
measured from 10% to 90%
AV = 1 V/V, Vin = 0.3 V to VCC+ -0.3 V,
RL = 10 kΩ, CL = 100 pF
0.8
V/µs
Φm
Phase margin
CL = 100 pF
60
degrees
en
Input voltage noise density
f = 1 kHz
27
nV/√Hz
en p-p
Input noise voltage
0.1 Hz ≤ f ≤ 10 Hz
0.5
µVpp
trec
Overload recovery time
Vin from (VCC+ +100 mV) to (VCC+ -1 V) , VOUT
measured at (VCC+ -100 mV), AV = +1
5
µs
tinit
Initialization time, VOUT at 100 mV
from final value
T = 25 °C
80
µs
EMIRR
EMI rejection rate =
-20 log (VRFpeak/ΔVio)
VRF = 100 mVpp, f = 400 MHz
84
dB
VRF = 100 mVpp, f = 900 MHz
87
VRF = 100 mVpp, f = 1800 MHz
90
VRF = 100 mVpp, f = 2400 MHz
91
TSZ151, TSZ152
Electrical characteristics
DS14459 - Rev 4
page 6/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com