Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ151 Datasheet(PDF) 18 Page - STMicroelectronics

Part # TSZ151
Description  Very high accuracy (7 μV) high bandwidth (1.6 MHz) zero-drift 5 V op amp
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ151 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TSZ151 Datasheet HTML 14Page - STMicroelectronics TSZ151 Datasheet HTML 15Page - STMicroelectronics TSZ151 Datasheet HTML 16Page - STMicroelectronics TSZ151 Datasheet HTML 17Page - STMicroelectronics TSZ151 Datasheet HTML 18Page - STMicroelectronics TSZ151 Datasheet HTML 19Page - STMicroelectronics TSZ151 Datasheet HTML 20Page - STMicroelectronics TSZ151 Datasheet HTML 21Page - STMicroelectronics TSZ151 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
Figure 32. Step overshoot vs. load capacitance
100p
1n
10n
100n
-100
-80
-60
-40
-20
0
20
40
60
80
100
Capacitive Load (F)
A = 0.01Vpp
A = 0.1Vpp
A = 1Vpp
Vcc = 5V, G = 1, Rl = 10k
W, T = 25°C
Rising edge
Falling edge
Figure 33. Small step overshoot vs. load capacitance and
Riso
100p
1n
10n
100n
-100
-80
-60
-40
-20
0
20
40
60
80
100
Capacitive Load (F)
RISO = 0 W
RISO = 50 W
Vcc = 5V, G = 1, Rl = 10k
W, T = 25°C
Vin = 0.1Vpp
Figure 34. Small step overshoot vs. Riso
1
10
100
1k
-100
-80
-60
-40
-20
0
20
40
60
80
100
Riso (Ω)
Cl = 100pF
Cl = 1nF
Cl = 10nF
Vcc = 5V, G = 1, Rl = 10k
W, T = 25°C
Vin = 0.1Vpp
Rising edge
Falling edge
Figure 35. Small step settling time vs. Riso
1
10
100
1k
100n
1µ
10µ
100µ
pos
neg
Riso (Ω)
Vcc = 5V, G = 1, Rl = 10k
W, T = 25°C
Vin = 0.1Vpp
Settling time condition is 2% of Vin
Cl = 10nF
Cl = 1nF
Cl = 100pF
TSZ151, TSZ152
Typical performance characteristics
DS14459 - Rev 4
page 18/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com