Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ151 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TSZ151
Description  Very high accuracy (7 μV) high bandwidth (1.6 MHz) zero-drift 5 V op amp
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ151 Datasheet(HTML) 2 Page - STMicroelectronics

  TSZ151 Datasheet HTML 1Page - STMicroelectronics TSZ151 Datasheet HTML 2Page - STMicroelectronics TSZ151 Datasheet HTML 3Page - STMicroelectronics TSZ151 Datasheet HTML 4Page - STMicroelectronics TSZ151 Datasheet HTML 5Page - STMicroelectronics TSZ151 Datasheet HTML 6Page - STMicroelectronics TSZ151 Datasheet HTML 7Page - STMicroelectronics TSZ151 Datasheet HTML 8Page - STMicroelectronics TSZ151 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
1
Pin description
1.1
TSZ151 single operational amplifier (SC70-5)
Figure 1. Pin connection (top view)
VCC+
IN+
OUT
VCC-
IN-
1
2
3
4
5
SC70-5
Table 1. Pin description
Pin n°
Pin name
Description
1
IN+
Non-inverting input channel
2
VCC-
Negative supply voltage
3
IN-
Inverting input channel
4
OUT
Output channel
5
VCC+
Positive supply voltage
1.2
TSZ151 single operational amplifier (SOT23-5)
Figure 2. Pin connection (top view)
VCC-
OUT
IN+
VCC+
1
2
3
5
4
SOT23-5
IN-
Table 2. Pin description
Pin n°
Pin name
Description
1
OUT
Output channel
2
VCC-
Negative supply voltage
3
IN+
Non-inverting input channel
4
IN-
Inverting input channel
5
VCC+
Positive supply voltage
TSZ151, TSZ152
Pin description
DS14459 - Rev 4
page 2/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com