Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ151 Datasheet(PDF) 20 Page - STMicroelectronics

Part # TSZ151
Description  Very high accuracy (7 μV) high bandwidth (1.6 MHz) zero-drift 5 V op amp
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ151 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TSZ151 Datasheet HTML 16Page - STMicroelectronics TSZ151 Datasheet HTML 17Page - STMicroelectronics TSZ151 Datasheet HTML 18Page - STMicroelectronics TSZ151 Datasheet HTML 19Page - STMicroelectronics TSZ151 Datasheet HTML 20Page - STMicroelectronics TSZ151 Datasheet HTML 21Page - STMicroelectronics TSZ151 Datasheet HTML 22Page - STMicroelectronics TSZ151 Datasheet HTML 23Page - STMicroelectronics TSZ151 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
Figure 40. Slew rate vs. temperature
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
SR+ T = -40°C
SR+ T = 25°C
SR+ T = 125°C
SR- T = -40°C
SR- T = 25°C
SR- T = 125°C
Input Common Mode (V)
Vcc = 5V, G = 1
Vin = 1Vpp
SR calculated from 10% to 90%
Positive SR
Negative SR
Figure 41. Noise vs. time at VCC = 5 V
1 s/div
Peak-to-Peak Noise = 450 nV
Vcc = 5V, Vicm = Vcc/2, T = 25°C
Figure 42. Voltage noise density vs. frequency at
VCC = 1.8 V
1k
10k
100k
1M
10M
1
10
100
Frequency (Hz)
G = 100
G = 30
G = 10
G = 3
G = 1
Vcc = 1.8V, Vicm = Vcc/2, T = 25°C,
Rl = 1M
W, Input referred
Figure 43. Voltage noise density vs. frequency at
VCC = 5 V
1k
10k
100k
1M
10M
1
10
100
Frequency (Hz)
G = 100
G = 30
G = 10
G = 3
G = 1
Vcc = 5V, Vicm = Vcc/2, T = 25°C,
Rl = 1M
W, Input referred
TSZ151, TSZ152
Typical performance characteristics
DS14459 - Rev 4
page 20/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com