Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ151 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TSZ151
Description  Very high accuracy (7 μV) high bandwidth (1.6 MHz) zero-drift 5 V op amp
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ151 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TSZ151 Datasheet HTML 8Page - STMicroelectronics TSZ151 Datasheet HTML 9Page - STMicroelectronics TSZ151 Datasheet HTML 10Page - STMicroelectronics TSZ151 Datasheet HTML 11Page - STMicroelectronics TSZ151 Datasheet HTML 12Page - STMicroelectronics TSZ151 Datasheet HTML 13Page - STMicroelectronics TSZ151 Datasheet HTML 14Page - STMicroelectronics TSZ151 Datasheet HTML 15Page - STMicroelectronics TSZ151 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
Figure 8. Input offset voltage temperature drift
distribution at VCC = 1.8 V (-40 °C to 25 °C)
−50
−40
−30
−20
−10
0
10
20
30
40
50
0
10
20
30
40
50
60
70
80
Input Offset Voltage Drift (nV/°C)
ΔVio/ΔT distribution
Between T = -40°C and T = 25°C
Vcc = 1.8V, Vicm = 0.9V
sample size : 40 channels x 2 packages
Figure 9. Input offset voltage temperature drift
distribution at VCC = 1.8 V (25 °C to 125 °C)
−50
−40
−30
−20
−10
0
10
20
30
40
50
0
5
10
15
20
25
30
35
40
Input Offset Voltage Drift (nV/°C)
ΔVio/ΔT distribution
Between T = 25°C and T = 125°C
Vcc = 1.8V, Vicm = 0.9V
sample size : 40 channels x 2 packages
Figure 10. Input offset voltage temperature drift
distribution at VCC = 5 V (-40 °C to 25 °C)
−50
−40
−30
−20
−10
0
10
20
30
40
50
0
10
20
30
40
50
60
70
80
Input Offset Voltage Drift (nV/°C)
ΔVio/ΔT distribution
Between T = -40°C and T = 25°C
Vcc = 5V, Vicm = 2.5V
sample size : 40 channels x 2 packages
Figure 11. Input offset voltage temperature drift
distribution at VCC = 5 V (25 °C to 125 °C)
−50
−40
−30
−20
−10
0
10
20
30
40
50
0
5
10
15
20
25
30
35
40
Input Offset Voltage Drift (nV/°C)
ΔVio/ΔT distribution
Between T = 25°C and T = 125°C
Vcc = 5V, Vicm = 2.5V
sample size : 40 channels x 2 packages
TSZ151, TSZ152
Typical performance characteristics
DS14459 - Rev 4
page 12/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com