Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ151 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TSZ151
Description  Very high accuracy (7 μV) high bandwidth (1.6 MHz) zero-drift 5 V op amp
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ151 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TSZ151 Datasheet HTML 10Page - STMicroelectronics TSZ151 Datasheet HTML 11Page - STMicroelectronics TSZ151 Datasheet HTML 12Page - STMicroelectronics TSZ151 Datasheet HTML 13Page - STMicroelectronics TSZ151 Datasheet HTML 14Page - STMicroelectronics TSZ151 Datasheet HTML 15Page - STMicroelectronics TSZ151 Datasheet HTML 16Page - STMicroelectronics TSZ151 Datasheet HTML 17Page - STMicroelectronics TSZ151 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
Figure 16. Supply current vs. input common-mode
voltage at VCC = 5 V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
50
100
150
200
250
300
Input Common Mode Voltage (V)
T = -40°C
T = 25°C
T = 125°C
Supply current per channel
Vcc = 5V (no load)
Figure 17. Supply current vs. supply voltage
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
50
100
150
200
250
300
Supply Voltage (V)
T = -40°C
T = 25°C
T = 125°C
Supply current per channel
Vicm = Vcc/2 (no load)
Figure 18. Output drop voltage VOH vs. supply voltage
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
10
20
30
40
50
Supply voltage (V)
T = -40°C
T = 25°C
T = 125°C
Rl = 2k
W or 10kW to V
CC/2
Comparator mode, Vid = +0.1V
Rl = 10k
W
Rl = 2k
W
Figure 19. Output drop voltage VOL vs. supply voltage
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
10
20
30
40
50
Supply voltage (V)
Rl = 2k
W or 10kW to V
CC/2
Comparator mode, Vid = -0.1V
T = -40°C
T = 25°C
T = 125°C
Rl = 2k
W
Rl = 10k
W
TSZ151, TSZ152
Typical performance characteristics
DS14459 - Rev 4
page 14/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com