Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ151 Datasheet(PDF) 38 Page - STMicroelectronics

Part # TSZ151
Description  Very high accuracy (7 μV) high bandwidth (1.6 MHz) zero-drift 5 V op amp
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ151 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button TSZ151 Datasheet HTML 31Page - STMicroelectronics TSZ151 Datasheet HTML 32Page - STMicroelectronics TSZ151 Datasheet HTML 33Page - STMicroelectronics TSZ151 Datasheet HTML 34Page - STMicroelectronics TSZ151 Datasheet HTML 35Page - STMicroelectronics TSZ151 Datasheet HTML 36Page - STMicroelectronics TSZ151 Datasheet HTML 37Page - STMicroelectronics TSZ151 Datasheet HTML 38Page - STMicroelectronics TSZ151 Datasheet HTML 39Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 38 / 39 page
background image
Contents
1
Pin description ....................................................................2
1.1
TSZ151 single operational amplifier (SC70-5)....................................... 2
1.2
TSZ151 single operational amplifier (SOT23-5) ..................................... 2
1.3
TSZ152 dual operational amplifier ................................................ 3
2
Maximum ratings ..................................................................4
3
Electrical characteristics...........................................................5
4
Typical performance characteristics ..............................................11
5
Application information ...........................................................26
5.1
Operating voltages ............................................................ 26
5.2
Input offset voltage drift vs. temperature .......................................... 26
5.3
Maximum power dissipation..................................................... 26
5.4
PCB layout recommendations ................................................... 26
5.5
Decoupling capacitor .......................................................... 26
5.6
Macromodel .................................................................. 27
6
Typical applications ..............................................................28
6.1
Low-side current sensing ....................................................... 28
7
Package information..............................................................29
7.1
SC70-5 (or SOT323-5) package information ....................................... 30
7.2
SOT23-5 package information................................................... 31
7.3
SO8 package information....................................................... 32
7.4
MiniSO8 package information ................................................... 33
7.5
DFN8 2 x 2 wettable flank package information .................................... 34
8
Ordering information .............................................................36
Revision history .......................................................................37
TSZ151, TSZ152
Contents
DS14459 - Rev 4
page 38/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com