Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7836IPAP Datasheet(PDF) 29 Page - Texas Instruments

Part # AMC7836IPAP
Description  AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7836IPAP Datasheet(HTML) 29 Page - Texas Instruments

Back Button AMC7836IPAP Datasheet HTML 25Page - Texas Instruments AMC7836IPAP Datasheet HTML 26Page - Texas Instruments AMC7836IPAP Datasheet HTML 27Page - Texas Instruments AMC7836IPAP Datasheet HTML 28Page - Texas Instruments AMC7836IPAP Datasheet HTML 29Page - Texas Instruments AMC7836IPAP Datasheet HTML 30Page - Texas Instruments AMC7836IPAP Datasheet HTML 31Page - Texas Instruments AMC7836IPAP Datasheet HTML 32Page - Texas Instruments AMC7836IPAP Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 91 page
background image
29
AMC7836
www.ti.com
SLAS986D – NOVEMBER 2014 – REVISED FEBRUARY 2018
Product Folder Links: AMC7836
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
7.3.1.2 DAC Register Structure
The input data of the DACs is written to the individual DAC data registers (address 0x50 through 0x6F) in straight
binary format for all output ranges (see Table 2).
Table 2. DAC Data Format
DIGITAL CODE
DAC OUTPUT VOLTAGE (V)
0 to 5 V RANGE
0 to 10 V RANGE
–5 to 0 V RANGE
–10 to 0 V RANGE
0000 0000 0000
0
0
–5
–10
0000 0000 0001
0.00122
0.00244
–4.99878
–9.99756
1000 0000 0000
2.5
5
–2.5
–5
1111 1111 1110
4.99756
9.99512
–0.00244
–0.00488
1111 1111 1111
4.99878
9.99756
–0.00122
–0.00244
Data written to the DAC data registers is initially stored in the DAC buffer registers. The transfer of data from the
DAC buffer registers to the active registers is initiated by an update command in the register update register
(address 0x0F). When the active registers are updated, the DAC outputs change to the new values.
The host has the option to read from either the buffer registers or the active registers when accessing the DAC
data registers. The DAC read back option is configured by the READBACK bit in the interface configuration 1
register (address 0x01).
7.3.1.3 DAC Clear Operation
Each DAC can be set to a CLEAR state using either hardware or software. When a DAC goes to CLEAR state, it
is loaded with a zero-code input and the output voltage is set according to the auto-range detector output range.
The DAC buffer or active registers do not change when the DACs enter the CLEAR state which makes it
possible to return to the same voltage output before the clear event was issued. Even though the contents of the
active register do not change while a DAC is in CLEAR state, a data-register read operation from the active
registers while in this state returns zero-code. This functionality enables the ability to determine the DAC output
voltage regardless of the operating state (CLEAR or NORMAL).
NOTE
The DAC buffer and active registers can be updated while the DACs are in CLEAR state
allowing the DACs to output new values upon return to normal operation. When the DACs
exit the CLEAR state, the DACs are immediately loaded with the data in the DAC active
registers and the output is set back to the corresponding level to restore operation.
The DAC clear registers (address 0xB0 through 0xB1) enable independent control of each DAC CLEAR state
through software. The DACs can also be forced to enter a CLEAR state through hardware using the ALARMIN
pin. See the Programmable Out-of-Range Alarms section for a detailed description of this method.
The ALARMIN-controlled clear mechanism is just a special case of the device capability to force the DACs into
the CLEAR state as a response to an alarm event. To enable this function, the alarm events must first be
enabled as DAC-clear alarm sources in the DAC clear source registers (address 0x1A through 0x1B). The DAC
outputs to be cleared by the selected alarm events must also be specified in the DAC clear enable registers
(address 0x18 through 0x19).
An alarm event sets the corresponding alarm bit in the alarm status registers. In addition all the DACs set to
clear in response to the alarm event in the DAC clear enable registers enter a CLEAR state. Once the alarm bit
is cleared, as long as no other CLEAR-state controlling alarm events have been triggered, the DACs are
reloaded with the contents of the DAC active registers and the outputs update accordingly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com