Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7836IPAP Datasheet(PDF) 64 Page - Texas Instruments

Part # AMC7836IPAP
Description  AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7836IPAP Datasheet(HTML) 64 Page - Texas Instruments

Back Button AMC7836IPAP Datasheet HTML 60Page - Texas Instruments AMC7836IPAP Datasheet HTML 61Page - Texas Instruments AMC7836IPAP Datasheet HTML 62Page - Texas Instruments AMC7836IPAP Datasheet HTML 63Page - Texas Instruments AMC7836IPAP Datasheet HTML 64Page - Texas Instruments AMC7836IPAP Datasheet HTML 65Page - Texas Instruments AMC7836IPAP Datasheet HTML 66Page - Texas Instruments AMC7836IPAP Datasheet HTML 67Page - Texas Instruments AMC7836IPAP Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 91 page
background image
64
AMC7836
SLAS986D – NOVEMBER 2014 – REVISED FEBRUARY 2018
www.ti.com
Product Folder Links: AMC7836
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
7.6.9.3 General Status Register (address = 0x72) [reset = 0x0C]
Figure 97. General Status Register (R)
7
6
5
4
3
2
1
0
AVSSD
AVSSC
AVSSB
AVSSA
ADC_IDLE
Reserved
GALR
DAVF
—
—
—
—
R-1
R-1
R-0
R-0
Table 45. General Status Register Field Descriptions
Bit
Field
Type
Reset
Description
7
AVSSD
—
This bit is the auto-range detection output for DAC group D. This
bit is set to 1 when AVSSD < AVSSTH (–10- to 0-V output range),
and 0 when AVSSD > AVSSTH (0- to 5-V output range).
6
AVSSC
—
This bit is the auto-range detection output for DAC group C. This
bit is set to 1 when AVSSC < AVSSTH (–10- to 0-V output range),
and 0 when AVSSC > AVSSTH (0- to 5-V output range).
5
AVSSB
—
This bit is the auto-range detection output for DAC group B. This
bit is set to 1 when AVSSB < AVSSTH (–10- to 0-V output range),
and 0 when AVSSB > AVSSTH (0- to 5-V output range).
4
AVSSA
—
This bit is the auto-range detection output for DAC group A. This
bit is set to 1 when AVEE < AVSSTH (–10- to 0-V output range),
and 0 when AVEE > AVSSTH (0- to 5-V output range).
3
ADC_IDLE
R
1
ADC Idle indicator.
Auto mode: 1 by default; goes to 0 once the ADC is
triggered and is running. Remains 0 until ADC is stopped,
then ADC_IDLE returns to 1.
Direct mode: 1 by default; goes to 0 once the ADC is
triggered and direct conversions are running and returns to
1 when direct mode conversions are completed.
2
Reserved
R
1
Reserved for factory use
1
GALR
R
0
Global alarm bit.
This bit is the OR function or all individual alarm bits of the
status register. This bit is set to 1 when any alarm condition
occurs and remains set until the status register is read. This bit
is cleared after reading the Status Register.
0
DAVF
R
0
ADC Data available flag bit. Direct mode only. Always cleared in
Auto mode.
0: ADC conversion is in progress or ADC is in Auto mode
1: ADC conversions are complete and new data is available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com