Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7836IPAP Datasheet(PDF) 77 Page - Texas Instruments

Part # AMC7836IPAP
Description  AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7836IPAP Datasheet(HTML) 77 Page - Texas Instruments

Back Button AMC7836IPAP Datasheet HTML 73Page - Texas Instruments AMC7836IPAP Datasheet HTML 74Page - Texas Instruments AMC7836IPAP Datasheet HTML 75Page - Texas Instruments AMC7836IPAP Datasheet HTML 76Page - Texas Instruments AMC7836IPAP Datasheet HTML 77Page - Texas Instruments AMC7836IPAP Datasheet HTML 78Page - Texas Instruments AMC7836IPAP Datasheet HTML 79Page - Texas Instruments AMC7836IPAP Datasheet HTML 80Page - Texas Instruments AMC7836IPAP Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 91 page
background image
S
(138
5
46
3 1025
1)
T
430.93 µs
4.3 MHz
u
u
u
S
(138
5
46
3 1025
1)
T
500.811 µs
3.7 MHz
u
u
u
CLK
CH
CLK
CH
CLK
CH
S
OSC
(B
# B
U
# U
T
# T
)
T
¦
u
u
u
77
AMC7836
www.ti.com
SLAS986D – NOVEMBER 2014 – REVISED FEBRUARY 2018
Product Folder Links: AMC7836
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
Table 64. ADC Conversion Rate and Total Update Number of Clocks
ADC CONVERSION
RATE
ADC INPUT CHANNEL
ACQUISITION CLOCKS
CONVERSION CLOCKS
tS (ACQUISITION +
CONVERSION)
NUMBER OF CLOCKS
00
Bipolar
124.5
13.5
138
Unipolar
32.5
13.5
46
Internal Temperature
Sensor
—
—
1025
01
Bipolar
124.5
13.5
138
Unipolar
78.5
13.5
92
Internal Temperature
Sensor
—
—
1025
10
Bipolar
124.5
13.5
138
Unipolar
124.5
13.5
138
Internal Temperature
Sensor
—
—
1025
11
Bipolar
262.5
13.5
276
Unipolar
262.5
13.5
276
Internal Temperature
Sensor
—
—
1025
The minimum and maximum oscillator frequency specifications in conjunction with the number of clocks required
for the unipolar, bipolar and temperature sensor inputs should be applied to Equation 5 to calculate the total
update time range.
where
•
TS is the total update time
•
BCLK is the total bipolar clocks
•
#BCH is the number of active bipolar inputs
•
UCLK is the total unipolar clocks
•
#UCH is the number of active unipolar inputs
•
TCKL is the total internal temperature-sensor clocks
•
#TCH is the number of active internal temperature sensor channels; either 1 or 0
•
ƒOSC is the internal oscillator frequency
(5)
The following is an example of a complete calculation of the total update time range. In this example, the ADC
conversion rate is set to 00 and the following ADC input channels are used:
•
Bipolar channels: ADC_1 through ADC_5 (5 active bipolar channels)
•
Unipolar channels: LV_ADC16 through LV_ADC18 (3 active unipolar channels)
•
Internal temperature sensor (1 active temperature channel)
Table 64 gives the total number of clocks required for each ADC input under the example conditions.
For the minimum specified oscillator frequency of 3.7 MHz, and with the ADC conversion rate set to 00, use
Equation 6 to calculate the total maximum update time for this example.
(6)
For the maximum specified oscillator frequency of 4.3 MHz, use Equation 7 to calculate the total minimum
update time for this example.
(7)
Therefore, the total update time range is 430.93 µs to 500.811 µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com