Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7836IPAP Datasheet(PDF) 63 Page - Texas Instruments

Part # AMC7836IPAP
Description  AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7836IPAP Datasheet(HTML) 63 Page - Texas Instruments

Back Button AMC7836IPAP Datasheet HTML 59Page - Texas Instruments AMC7836IPAP Datasheet HTML 60Page - Texas Instruments AMC7836IPAP Datasheet HTML 61Page - Texas Instruments AMC7836IPAP Datasheet HTML 62Page - Texas Instruments AMC7836IPAP Datasheet HTML 63Page - Texas Instruments AMC7836IPAP Datasheet HTML 64Page - Texas Instruments AMC7836IPAP Datasheet HTML 65Page - Texas Instruments AMC7836IPAP Datasheet HTML 66Page - Texas Instruments AMC7836IPAP Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 91 page
background image
63
AMC7836
www.ti.com
SLAS986D – NOVEMBER 2014 – REVISED FEBRUARY 2018
Product Folder Links: AMC7836
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
7.6.9.1 Alarm Status 0 Register (address = 0x70) [reset = 0x00]
Figure 95. Alarm Status 0 Register (R)
7
6
5
4
3
2
1
0
Reserved
ADC20-ALR
ADC19-ALR
ADC18-ALR
ADC17-ALR
ADC16-ALR
R-All zeros
R-0
R-0
R-0
R-0
R-0
Table 43. Alarm Status 0 Register Field Descriptions
Bit
Field
Type
Reset
Description
7-5
Reserved
R
All zeros
Reserved for factory use
4
ADC20-ALR
R
0
ADC20-ALR = 1 when ADC20 is out of the range defined by the
corresponding threshold registers.
ADC20-ALR = 0 when the analog input is not out of the
specified range.
3
ADC19-ALR
R
0
ADC19-ALR = 1 when ADC19 is out of the range defined by the
corresponding threshold registers.
ADC19-ALR = 0 when the analog input is not out of the
specified range.
2
ADC18-ALR
R
0
ADC18-ALR = 1 when ADC18 is out of the range defined by the
corresponding threshold registers.
ADC18-ALR = 0 when the analog input is not out of the
specified range.
1
ADC17-ALR
R
0
ADC17-ALR = 1 when ADC17 is out of the range defined by the
corresponding threshold registers.
ADC17-ALR = 0 when the analog input is not out of the
specified range.
0
ADC16-ALR
R
0
ADC16-ALR = 1 when ADC16 is out of the range defined by the
corresponding threshold registers.
ADC16-ALR = 0 when the analog input is not out of the
specified range.
7.6.9.2 Alarm Status 1 Register (address = 0x71) [reset = 0x00]
Figure 96. Alarm Status 1 Register (R)
7
6
5
4
3
2
1
0
Reserved
ALARMIN-ALR
THERM-ALR
LT-HIGH-ALR
LT-LOW-ALR
R-All zeros
R-0
R-0
R-0
R-0
Table 44. Alarm Status 1 Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
Reserved
R
All zeros
Reserved for factory use
3
ALARMIN-ALR
R
0
The ALARMIN-ALR is set to 1 if the ALARMIN pin is enabled
and set high.
2
THERM-ALR
R
0
Thermal alarm flag. When the die temperature is equal to or
greater than +150°C, the bit is set (1) and the THERM-ALR flag
activates. The on-chip temperature sensor (LT) monitors the die
temperature. If LT is disabled, the THERM-ALR bit is always 0.
The hysteresis of this alarm is 8°C.
1
LT-HIGH-ALR
R
0
LT-HIGH-ALR = 1 when the temperature sensor is out of the
range defined by the upper threshold.
0
LT-LOW-ALR
R
0
LT-LOW-ALR = 1 when the temperature sensor is out of the
range defined by the lower threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com