Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7836IPAP Datasheet(PDF) 45 Page - Texas Instruments

Part # AMC7836IPAP
Description  AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7836IPAP Datasheet(HTML) 45 Page - Texas Instruments

Back Button AMC7836IPAP Datasheet HTML 41Page - Texas Instruments AMC7836IPAP Datasheet HTML 42Page - Texas Instruments AMC7836IPAP Datasheet HTML 43Page - Texas Instruments AMC7836IPAP Datasheet HTML 44Page - Texas Instruments AMC7836IPAP Datasheet HTML 45Page - Texas Instruments AMC7836IPAP Datasheet HTML 46Page - Texas Instruments AMC7836IPAP Datasheet HTML 47Page - Texas Instruments AMC7836IPAP Datasheet HTML 48Page - Texas Instruments AMC7836IPAP Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 91 page
background image
45
AMC7836
www.ti.com
SLAS986D – NOVEMBER 2014 – REVISED FEBRUARY 2018
Product Folder Links: AMC7836
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
7.6 Register Maps
Table 8. Register Map
ADDRESS
TYPE
DEFAULT
REGISTER NAME
0x00
R/W
30
Interface Configuration 0
0x01
R/W
00
Interface Configuration 1
0x02
R/W
03
Device Configuration
0x03
R
08
Chip Type
0x04
R
36
Chip ID (Low Byte)
0x05
R
0C
Chip ID (High Byte)
0x06
R
00
Chip Version
0x07 – 0x0B
—
—
Reserved
0x0C
R
51
Manufacturer ID (Low Byte)
0x0D
R
04
Manufacturer ID (High Byte)
0x0E
—
—
Reserved
0x0F
R/W
00
Register Update
0x10
R/W
00
ADC Configuration
0x11
R/W
70
False Alarm Configuration
0x12
R/W
00
GPIO Configuration
0x13
R/W
00
ADC MUX Configuration 0
0x14
R/W
00
ADC MUX Configuration 1
0x15
R/W
00
ADC MUX Configuration 2
0x16
—
—
Reserved
0x17
—
—
Reserved
0x18
R/W
00
DAC Clear Enable 0
0x19
R/W
00
DAC Clear Enable 1
0x1A
R/W
00
DAC Clear Source 0
0x1B
R/W
00
DAC Clear Source 1
0x1C
R/W
00
ALARMOUT Source0
0x1D
R/W
00
ALARMOUT Source1
0x1E
R/W
00
DAC Range 0
0x1F
R/W
00
DAC Range 1
0x20
R
00
ADC0-Data (Low Byte)
0x21
R
00
ADC0-Data (High Byte)
0x22
R
00
ADC1-Data (Low Byte)
0x23
R
00
ADC1-Data (High Byte)
0x24
R
00
ADC2-Data (Low Byte)
0x25
R
00
ADC2-Data (High Byte)
0x26
R
00
ADC3-Data (Low Byte)
0x27
R
00
ADC3-Data (High Byte)
0x28
R
00
ADC4-Data (Low Byte)
0x29
R
00
ADC4-Data (High Byte)
0x2A
R
00
ADC5-Data (Low Byte)
0x2B
R
00
ADC5-Data (High Byte)
0x2C
R
00
ADC6-Data (Low Byte)
0x2D
R
00
ADC6-Data (High Byte)
0x2E
R
00
ADC7-Data (Low Byte)
0x2F
R
00
ADC7-Data (High Byte)
0x30
R
00
ADC8-Data (Low Byte)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com