Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7836IPAP Datasheet(PDF) 10 Page - Texas Instruments

Part # AMC7836IPAP
Description  AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7836IPAP Datasheet(HTML) 10 Page - Texas Instruments

Back Button AMC7836IPAP Datasheet HTML 6Page - Texas Instruments AMC7836IPAP Datasheet HTML 7Page - Texas Instruments AMC7836IPAP Datasheet HTML 8Page - Texas Instruments AMC7836IPAP Datasheet HTML 9Page - Texas Instruments AMC7836IPAP Datasheet HTML 10Page - Texas Instruments AMC7836IPAP Datasheet HTML 11Page - Texas Instruments AMC7836IPAP Datasheet HTML 12Page - Texas Instruments AMC7836IPAP Datasheet HTML 13Page - Texas Instruments AMC7836IPAP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 91 page
background image
10
AMC7836
SLAS986D – NOVEMBER 2014 – REVISED FEBRUARY 2018
www.ti.com
Product Folder Links: AMC7836
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
Electrical Characteristics: DAC (continued)
The electrical ratings specified in this section apply to all specifications in this document, unless otherwise noted. These
specifications are interpreted as conditions that do not degrade the device parametric or functional specifications for the life of
the product containing it. AVDD = DVDD = 4.7 to 5.5 V, AVCC = 12 V, IOVDD = 1.8 to 5.5 V, AGND = DGND = 0 V, AVEE =
AVSSB = AVSSC = AVSSD = –12 V (for DAC groups in negative range) or 0 V (for DAC groups in positive ranges), DAC output
range = 0 to 10 V for all groups, no load on the DACs, TA = –40°C to 105°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(2)
The output voltage of each DAC group must not be greater than that of the corresponding AVCC pin (AVCC_AB or AVCC_CD) or lower than
that of the corresponding AVSS pin (AVEE, AVSSB, AVSSC or AVSSD). See the DAC Output Range and Clamp Configuration section for
more details.
(3)
If all channels are simultaneously loaded, care must be taken to ensure the thermal conditions for the device are not exceeded.
(4)
To be sampled during initial release to ensure compliance; not subject to production testing.
(5)
No DAC load to the DAC group AVSS pin.
DAC OUTPUT CHARACTERISTICS
Full-scale output voltage range(2)
Set at power-up or reset through auto-range
detection. The output range can be modified after
power-up or reset through the DAC range registers
(address 0x1E through 0x1F). DAC-RANGE = 100b
–10
0
V
The output range can be modified after power-up or
reset through the DAC range registers (address 0x1E
through 0x1F). DAC-RANGE = 101b
–5
0
Set at power-up or reset through auto-range
detection. The output range can be modified after
power-up or reset through the DAC range registers
(address 0x1E through 0x1F). DAC-RANGE = 111b
0
5
The output range can be modified after power-up or
reset through the DAC range registers (address 0x1E
through 0x1F). DAC-RANGE = 110b
0
10
Output voltage settling time
Transition: Code 400h to C00h to within ½ LSB, RL =
2 kΩ, CL = 200 pF. 0 to 10 V and –10 to 0 V ranges
10
µs
Transition: Code 400h to C00h to within ½ LSB, RL =
2 kΩ, CL = 200 pF. 0 to 5 V and –5 to 0 V ranges
10
Slew rate
Transition: Code 400h to C00h, 10% to 90%, RL = 2
kΩ, CL = 200 pF. 0 to 10 V and –10 to 0 V ranges
1.25
V/µs
Transition: Code 400h to C00h, 10% to 90%, RL = 2
kΩ, CL = 200 pF. 0 to 5 V and –5 to 0 V ranges
1.25
Short circuit current
Full-scale current shorted to the DAC group AVSS or
AVCC voltage
±45
mA
Load current(3)
Source or sink with 1-V headroom from the DAC
group AVCC or AVSS voltage, voltage drop < 25 mV
±15
mA
Source or sink with 300-mV headroom from the DAC
group AVCC or AVSS voltage, voltage drop < 25 mV
±10
Maximum capacitive load(4)
RL = ∞
0
10
nF
DC output impedance
Code set to 800h, ±15mA
1
Ω
Power-on overshoot
AVEE = AVSSB = AVSSC = AVSSD = AGND, AVCC = 0
to 12 V, 2-ms ramp
10
mV
Glitch energy
Transition: Code 7FFh to 800h; 800h to 7FFh
1
nV-s
Output noise
TA = 25°C, 1 kHz, code 800h, includes internal
reference noise
520
nV/
√Hz
TA = 25°C, integrated noise from 0.1 Hz to 10 Hz,
code 800h, includes internal reference noise
20
µVPP
CLAMP OUTPUTS
Clamp output voltage(5)
DAC output range: 0 to 10 V, AVSS = AGND
0
V
DAC output range: 0 to 5 V, AVSS = AGND
0
DAC output range: –10 to 0 V, AVSS = –12 V
AVSS + 2
DAC output range: –5 to 0 V, AVSS = –6 V
AVSS + 1
Clamp output impedance
8
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com