Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7836IPAP Datasheet(PDF) 47 Page - Texas Instruments

Part # AMC7836IPAP
Description  AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7836IPAP Datasheet(HTML) 47 Page - Texas Instruments

Back Button AMC7836IPAP Datasheet HTML 43Page - Texas Instruments AMC7836IPAP Datasheet HTML 44Page - Texas Instruments AMC7836IPAP Datasheet HTML 45Page - Texas Instruments AMC7836IPAP Datasheet HTML 46Page - Texas Instruments AMC7836IPAP Datasheet HTML 47Page - Texas Instruments AMC7836IPAP Datasheet HTML 48Page - Texas Instruments AMC7836IPAP Datasheet HTML 49Page - Texas Instruments AMC7836IPAP Datasheet HTML 50Page - Texas Instruments AMC7836IPAP Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 91 page
background image
47
AMC7836
www.ti.com
SLAS986D – NOVEMBER 2014 – REVISED FEBRUARY 2018
Product Folder Links: AMC7836
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
Table 8. Register Map (continued)
ADDRESS
TYPE
DEFAULT
REGISTER NAME
0x63
R/W
00
DACC9-Data (High Byte)
0x64
R/W
00
DACC10-Data (Low Byte)
0x65
R/W
00
DACC10-Data (High Byte)
0x66
R/W
00
DACC11-Data (Low Byte)
0x67
R/W
00
DACC11-Data (High Byte)
0x68
R/W
00
DACD12-Data (Low Byte)
0x69
R/W
00
DACD12-Data (High Byte)
0x6A
R/W
00
DACD13-Data (Low Byte)
0x6B
R/W
00
DACD13-Data (High Byte)
0x6C
R/W
00
DACD14-Data (Low Byte)
0x6D
R/W
00
DACD14-Data (High Byte)
0x6E
R/W
00
DACD15-Data (Low Byte)
0x6F
R/W
00
DACD15-Data (High Byte)
0x70
R
00
Alarm Status 0
0x71
R
00
Alarm Status 1
0x72
R
0C
General Status
0x73 - 0x79
—
—
Reserved
0x7A
R/W
FF
GPIO
0x7B - 0x7F
—
—
Reserved
0x80
R/W
FF
ADC16-Upper-Thresh (Low Byte)
0x81
R/W
0F
ADC16-Upper-Thresh (High Byte)
0x82
R/W
00
ADC16-Lower-Thresh (Low Byte)
0x83
R/W
00
ADC16-Lower-Thresh (High Byte)
0x84
R/W
FF
ADC17-Upper-Thresh (Low Byte)
0x85
R/W
0F
ADC17-Upper-Thresh (High Byte)
0x86
R/W
00
ADC17-Lower-Thresh (Low Byte)
0x87
R/W
00
ADC17-Lower-Thresh (High Byte)
0x88
R/W
FF
ADC18-Upper-Thresh (Low Byte)
0x89
R/W
0F
ADC18-Upper-Thresh (High Byte)
0x8A
R/W
00
ADC18-Lower-Thresh (Low Byte)
0x8B
R/W
00
ADC18-Lower-Thresh (High Byte)
0x8C
R/W
FF
ADC19-Upper-Thresh (Low Byte)
0x8D
R/W
0F
ADC19-Upper-Thresh (High Byte)
0x8E
R/W
00
ADC19-Lower-Thresh (Low Byte)
0x8F
R/W
00
ADC19-Lower-Thresh (High Byte)
0x90
R/W
FF
ADC20-Upper-Thresh (Low Byte)
0x91
R/W
0F
ADC20-Upper-Thresh (High Byte)
0x92
R/W
00
ADC20-Lower-Thresh (Low Byte)
0x93
R/W
00
ADC20-Lower-Thresh (High Byte)
0x94
R/W
FF
LT-Upper-Thresh (Low Byte)
0x95
R/W
07
LT-Upper-Thresh (High Byte)
0x96
R/W
00
LT-Lower-Thresh (Low Byte)
0x97
R/W
08
LT-Lower-Thresh (High Byte)
0x98 - 0x9F
—
—
Reserved
0xA0
R/W
08
ADC16-Hysteresis
0xA1
R/W
08
ADC17-Hysteresis
0xA2
R/W
08
ADC18-Hysteresis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com