Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA529 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STA529
Description  FFX™ audio codec with analog and digital inputs and 2 x 1.2 W (or 2 x 100 mW HP) class-D amplifier
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA529 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STA529 Datasheet HTML 7Page - STMicroelectronics STA529 Datasheet HTML 8Page - STMicroelectronics STA529 Datasheet HTML 9Page - STMicroelectronics STA529 Datasheet HTML 10Page - STMicroelectronics STA529 Datasheet HTML 11Page - STMicroelectronics STA529 Datasheet HTML 12Page - STMicroelectronics STA529 Datasheet HTML 13Page - STMicroelectronics STA529 Datasheet HTML 14Page - STMicroelectronics STA529 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 57 page
background image
STA529
Connection diagrams and pin descriptions
Doc ID 13095 Rev 3
11/57
8
AGND
Ground
ADC analog ground
9
VCM
Analog I/O
ADC Common mode voltage
10
RST_N
Digital input
Reset (active low)
11
CLKOUT /
PWM2B
Digital output
Buffered clock output / PWM2B FFX
12
GND1
Ground
Digital ground
13
VDD1
Supply
Digital supply
14
MUTE
Digital input
Mute (active high)
15
VCC1A
Supply
Channel 1 half-bridge A power supply
16
OUT1A
Analog output
Channel 1 half-bridge A output
17
GND1A
Ground
Channel 1 half-bridge A power ground
18
GND1B
Ground
Channel 1 half-bridge B power ground
19
OUT1B
Analog output
Channel 1 half-bridge B output
20
VCC1B
Supply
Channel 1 half-bridge B power supply
21
VCC2B
Supply
Channel 2 half-bridge B power supply
22
OUT2B
Analog output
Channel 2 half-bridge B output
23
GND2B
Ground
Channel 2 half-bridge B power ground
24
GND2A
Ground
Channel 2 half-bridge A power ground
25
OUT2A
Analog output
Channel 2 half-bridge A output
26
VCC2A
Supply
Channel 2 half-bridge A power supply
27
GND33
Ground
Pre-driver ground
28
GNDIO1
Ground
I/O ring ground
29
VDDIO1
Supply
I/O ring supply
30
VCC33
Supply
Pre-driver supply
31
POWERFAULT /
EAPD
Digital output
Power fault signal (active high) / external audio power
down signal
32
TM
Digital input
Test mode (active high)
33
I2CDIS
Digital input
I2C disable pin (active high)
34
SCL
Digital input
I2C serial clock
35
SDA
Digital I/O
I2C serial data
36
SELCLK33
Digital input
Master clock input selector:
0: XTI selected
1: MCLK33 selected
37
MCLK33
Digital input
Master clock input 3.3-V capable
38
XTI
Digital input
1.8V
Crystal input or master clock input
Table 3.
Pin description for VFQFPN52 (continued)
Pin
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com