Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA529 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STA529
Description  FFX™ audio codec with analog and digital inputs and 2 x 1.2 W (or 2 x 100 mW HP) class-D amplifier
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA529 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STA529 Datasheet HTML 10Page - STMicroelectronics STA529 Datasheet HTML 11Page - STMicroelectronics STA529 Datasheet HTML 12Page - STMicroelectronics STA529 Datasheet HTML 13Page - STMicroelectronics STA529 Datasheet HTML 14Page - STMicroelectronics STA529 Datasheet HTML 15Page - STMicroelectronics STA529 Datasheet HTML 16Page - STMicroelectronics STA529 Datasheet HTML 17Page - STMicroelectronics STA529 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 57 page
background image
Electrical and thermal specifications
STA529
14/57
Doc ID 13095 Rev 3
3.3
Recommended operating conditions
Table 6.
Recommended operating conditions
Symbol
Parameter
Min
Typ
Max
Unit
VDD
VDD1
VDD2
Digital supply voltage
1.55
1.80
1.95
V
AVDD
ADC supply voltage
1.8
3.3
3.6
V
VDDPLL
PLL analog supply voltage
1.55
1.80
1.95
V
VCC1A
VCC1B
VCC2A
VCC2B
Power stage supply voltage
1.8
3.0
3.3
V
VCC33
Pre-driver supply
(must be at same level as VCC1A/1B/2A/2B)
1.8
3.0
3.3
V
VDDIO
Power supply for I/Os
1.8
3.0
3.6
V
GND1,
GND2,
GND33
Channel 1 and 2 power ground, pre-driver ground
-
0
-
V
GNDIO
Ground for I/Os
-
0
-
V
VIH
3.3-V supply
2.0
-
-
V
VIL
3.3-V supply
-
-
0.8
V
VHYST
Schmitt trigger hysteresis (VDDIO)
0.4
-
-
V
TAMB
Ambient operating temperature
-40
-
85
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com