Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA529 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STA529
Description  FFX™ audio codec with analog and digital inputs and 2 x 1.2 W (or 2 x 100 mW HP) class-D amplifier
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA529 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STA529 Datasheet HTML 9Page - STMicroelectronics STA529 Datasheet HTML 10Page - STMicroelectronics STA529 Datasheet HTML 11Page - STMicroelectronics STA529 Datasheet HTML 12Page - STMicroelectronics STA529 Datasheet HTML 13Page - STMicroelectronics STA529 Datasheet HTML 14Page - STMicroelectronics STA529 Datasheet HTML 15Page - STMicroelectronics STA529 Datasheet HTML 16Page - STMicroelectronics STA529 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 57 page
background image
STA529
Electrical and thermal specifications
Doc ID 13095 Rev 3
13/57
3
Electrical and thermal specifications
3.1
Thermal data
3.2
Absolute maximum ratings
Note:
All grounds must be within 0.3 V of each other.
Table 4.
Thermal data
Device
Parameter
Min
Typ
Max
Unit
TFBGA48
Thermal resistance junction to ambient
-
40
-
°C/W
VFQFPN52
Thermal resistance junction to ambient
-
22
-
°C/W
Table 5.
Absolute maximum ratings
Pin/symbol
Description
Min
Max
Unit
VDD
VDD1
VDD2
Digital supply voltage
-0.5
+2.5
V
AVDD
ADC supply voltage
-0.5
+4
V
VDDPLL
PLL analog supply voltage
-0.5
+2.5
V
VCC1A
VCC1B
VCC2A
VCC2B
Power stage supply voltage
-0.5
+4
V
VCC33
Pre-driver supply
-0.5
+4
V
VDDIO
Digital I/O supply
-0.5
+4
V
TSTG
Storage temperature
-40
150
oC
TJ
Junction temperature
-40
150
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com