Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA529 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STA529
Description  FFX™ audio codec with analog and digital inputs and 2 x 1.2 W (or 2 x 100 mW HP) class-D amplifier
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA529 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STA529 Datasheet HTML 12Page - STMicroelectronics STA529 Datasheet HTML 13Page - STMicroelectronics STA529 Datasheet HTML 14Page - STMicroelectronics STA529 Datasheet HTML 15Page - STMicroelectronics STA529 Datasheet HTML 16Page - STMicroelectronics STA529 Datasheet HTML 17Page - STMicroelectronics STA529 Datasheet HTML 18Page - STMicroelectronics STA529 Datasheet HTML 19Page - STMicroelectronics STA529 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 57 page
background image
Electrical and thermal specifications
STA529
16/57
Doc ID 13095 Rev 3
The following tables give the output power for 1% and 10% THD levels for headphones and
speakers.
3.5
Lock time
Table 12 gives the typical lock time of the PLL using the suggested loop filter with 1.8 V
supply and 30 oC junction temperature.
Table 8.
Load power at 1% distortion in headphone mode
Load (
Ω)
P (mW) at 1.8 V
P (mW) at 3.3 V
16
20
65
32
10
32
Table 9.
Load power at 10% distortion in headphone mode
Load (
Ω)
P (mW) at 1.8 V
P (mW) at 3.3 V
16
25
85
32
13
42
Table 10.
Load power at 1% distortion in speaker mode
Load (
Ω)
P (mW) at 1.8 V
P (mW) at 3.3 V
4
310
860
8
166
560
16
86
290
32
43
147
Table 11.
Load power at 10% distortion in speaker mode
Load (
Ω)
P (mW) at 1.8 V
P (mW) at 3.3 V
4
400
1100
8
216
720
16
112
380
32
57
200
Table 12.
PLL lock time
Parameter
Value
Lock time
200 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com