Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA529 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STA529
Description  FFX™ audio codec with analog and digital inputs and 2 x 1.2 W (or 2 x 100 mW HP) class-D amplifier
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA529 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STA529 Datasheet HTML 21Page - STMicroelectronics STA529 Datasheet HTML 22Page - STMicroelectronics STA529 Datasheet HTML 23Page - STMicroelectronics STA529 Datasheet HTML 24Page - STMicroelectronics STA529 Datasheet HTML 25Page - STMicroelectronics STA529 Datasheet HTML 26Page - STMicroelectronics STA529 Datasheet HTML 27Page - STMicroelectronics STA529 Datasheet HTML 28Page - STMicroelectronics STA529 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 57 page
background image
STA529
ADC
Doc ID 13095 Rev 3
25/57
7
ADC
7.1
ADC performance values
7.2
Functional description
The STA529 analog input is provided through a low-power, low-voltage, 16-bit stereo audio
analog-to-digital converter front end designed for audio applications. It includes a
programmable gain amplifier, anti-aliasing filter, low-noise microphone biasing circuit,
third-order MASH2-1 delta-sigma modulator, digital decimating filter and a first-order
DC-removal filter.
The ADC works in the microphone input (mic-in) mode and in the line-input mode. If the line
input mode is selected, the ADC is configured in stereo and all conversion channels are
active.
If the microphone input mode is selected, the ADC is configured in mono. The mono
channel is routed through the left conversion path, and the right conversion path is kept in
power-down mode to minimize power consumption. A programmable gain amplifier (PGA) is
available in mic-in mode, making it possible to amplify the signal from 0 to +42 dB in steps of
6dB.
Table 16.
Programmable gain performance
Parameter
Min
Typ
Max
Unit
Dynamic range 1 kHz, A-weighted (3.3 V supply)
92
dB
Dynamic range 1 kHz, A-weighted (1.8 V supply)
84
dB
SNDR 1 kHz, A-weighted (3.3 V supply)
92
dB
SNDR 1 kHz, A-weighted (1.8 V supply)
84
dB
THD 1 kHz (-1 dB input) (3.3 V supply)
-85
dB
THD 1 kHz (-1 dB input) (1.8 V supply)
-75
dB
Cross talk (3.3 V supply)
-80
dB
Cross talk (1.8 V supply)
-60
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com