Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7294V Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7294V
Description  100 V, 100 W DMOS audio amplifier with mute/st-by
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7294V Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7294V Datasheet HTML 1Page - STMicroelectronics TDA7294V Datasheet HTML 2Page - STMicroelectronics TDA7294V Datasheet HTML 3Page - STMicroelectronics TDA7294V Datasheet HTML 4Page - STMicroelectronics TDA7294V Datasheet HTML 5Page - STMicroelectronics TDA7294V Datasheet HTML 6Page - STMicroelectronics TDA7294V Datasheet HTML 7Page - STMicroelectronics TDA7294V Datasheet HTML 8Page - STMicroelectronics TDA7294V Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
4
Maximum ratings
Table 1. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VS
Supply voltage (no signal)
± 50
V
IO
Output peak current
10
A
Ptot
Total power dissipation (Tcase= 70 °C)
50
W
Top
Operating ambient temperature range
0 to 70
°C
Tstg
Storage temperature
150
°C
Tj
Junction temperature
Table 2. Thermal data
Symbol
Parameter
Value
Unit
Rth-jcase
Thermal resistance junction-case
1.5
°C/W
TDA7294
Maximum ratings
DS0013 - Rev 8
page 5/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com