Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7294V Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7294V
Description  100 V, 100 W DMOS audio amplifier with mute/st-by
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7294V Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7294V Datasheet HTML 2Page - STMicroelectronics TDA7294V Datasheet HTML 3Page - STMicroelectronics TDA7294V Datasheet HTML 4Page - STMicroelectronics TDA7294V Datasheet HTML 5Page - STMicroelectronics TDA7294V Datasheet HTML 6Page - STMicroelectronics TDA7294V Datasheet HTML 7Page - STMicroelectronics TDA7294V Datasheet HTML 8Page - STMicroelectronics TDA7294V Datasheet HTML 9Page - STMicroelectronics TDA7294V Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
5
Electrical characteristics
Refer to the test circuit VS = ± 35 V, RL = 8 Ω, GV = 30 dB; Rg = 50 Ω; Tamb = 25 °C, f = 1 kHz; unless otherwise
specified.
Table 3. Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VS
Supply range
10
40
V
Iq
Quiescent current
20
30
65
mA
Ib
Input bias current
500
nA
VOS
Input offset voltage
±10
mV
IOS
Input offset current
±100
nA
PO
RMS continuous output power
d = 0.5%:
VS = ± 35 V, RL = 8 Ω
VS= ± 31 V, RL = 6 Ω
VS = ± 27 V, RL = 4 Ω
60
60
60
70
70
70
W
W
W
Music Power (RMS)
IEC268.3 RULES - ∆t = 1 s (1)
d = 10%
RL = 8 Ω; VS = ± 38 V
RL = 6 ; VS = ± 33 V
RL = 4 Ω; VS = ± 29 V (2)
100
100
100
W
W
W
d
Total harmonic distortion (3)
PO = 5 W; f = 1 kHz
PO = 0.1 to 50 W; f = 20 Hz to 20 kHz
0.005
0.1
%
%
VS = ± 27 V, RL = 4 Ω
PO = 5 W; f = 1 kHz
PO = 0.1 to 50 W; f = 20 Hz to 20 kHz
0.01
0.1
%
%
SR
Slew rate
7
10
V/μs
GV
Open loop voltage gain
80
dB
Closed loop voltage gain
24
30
40
dB
eN
Total input noise
A = curve
f = 20 Hz to 20 kHz
1
2
5
μV
fL, fH
Frequency response (-3 dB)
PO = 1 W
20 Hz to 20 kHz
Ri
Input resistance
100
kΩ
SVR
Supply voltage rejection
f = 100 Hz; Vripple = 0.5 Vrms
60
75
dB
TS
Thermal shutdown
145
°C
Stand-by function (Ref: -VS or GND)
VST on
Stand-by on threshold
1.5
V
VST off
Stand-by off threshold
3.5
V
ATTst-by
Stand-by attenuation
70
90
dB
Iq st-by
Quiescent current @ Stand-by
1
3
mA
Mute function (Ref: -VS or GND)
TDA7294
Electrical characteristics
DS0013 - Rev 8
page 6/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com