Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7294V Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7294V
Description  100 V, 100 W DMOS audio amplifier with mute/st-by
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7294V Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7294V Datasheet HTML 1Page - STMicroelectronics TDA7294V Datasheet HTML 2Page - STMicroelectronics TDA7294V Datasheet HTML 3Page - STMicroelectronics TDA7294V Datasheet HTML 4Page - STMicroelectronics TDA7294V Datasheet HTML 5Page - STMicroelectronics TDA7294V Datasheet HTML 6Page - STMicroelectronics TDA7294V Datasheet HTML 7Page - STMicroelectronics TDA7294V Datasheet HTML 8Page - STMicroelectronics TDA7294V Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
MULTIPOWER BCD TECHNOLOGY
Multiwatt15V
Multiwatt15H
Features
•
Very high operating voltage range (± 40 V)
•
DMOS power stage
•
High output power (up to 100 W music power)
•
Muting/stand-by functions
•
No switch on/off noise
•
No boucherot cells
•
Very low distortion
•
Very low noise
•
Short circuit protection
•
Thermal shutdown
Description
The TDA7294 is a monolithic integrated circuit in Multiwatt15 package, intended for
use as audio class AB amplifier in Hi-Fi field applications (Home Stereo, self powered
loudspeakers, Topclass TV). Thanks to the wide voltage range and to the high out
current capability it is able to supply the highest power into both 4 Ω and 8 Ω loads
even in presence of poor supply regulation, with high supply voltage rejection.
The built in muting function with turn on delay simplifies the remote operation
avoiding switching on-off noises.
Maturity status link
TDA7294
Order code
Package
TDA7294V
Multiwatt15V
TDA7294HS
Multiwatt15H
100 V, 100 W DMOS audio amplifier with mute/st-by
TDA7294
Datasheet
DS0013 - Rev 8 - July 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - TDA7294V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7294V STMICROELECTRONICS-TDA7294V Datasheet
372Kb / 16P
100V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Feb-1996
TDA7294V STMICROELECTRONICS-TDA7294V Datasheet
1Mb / 17P
100V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Apr-2003
More results

Similar Description - TDA7294V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7294 STMICROELECTRONICS-TDA7294 Datasheet
372Kb / 16P
100V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Feb-1996
TDA7294S STMICROELECTRONICS-TDA7294S Datasheet
339Kb / 13P
100V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Jun-2000
TDA7295S STMICROELECTRONICS-TDA7295S Datasheet
337Kb / 13P
80V - 80W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Jun-2000
TDA7296A STMICROELECTRONICS-TDA7296A Datasheet
241Kb / 13P
70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Jun-1996
TDA7296S STMICROELECTRONICS-TDA7296S Datasheet
248Kb / 11P
60V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Jun-2000
TDA7294S STMICROELECTRONICS-TDA7294S_05 Datasheet
287Kb / 16P
100V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Feb-2005
TDA7293 STMICROELECTRONICS-TDA7293_03 Datasheet
425Kb / 15P
120V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Jan-2003
TDA7294 STMICROELECTRONICS-TDA7294_07 Datasheet
1Mb / 17P
100V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Apr-2003
TDA7296 STMICROELECTRONICS-TDA7296_05 Datasheet
283Kb / 15P
70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Feb-2005
TDA-7296 STMICROELECTRONICS-TDA-7296 Datasheet
291Kb / 15P
70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Feb-2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com