Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7294V Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7294V
Description  100 V, 100 W DMOS audio amplifier with mute/st-by
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7294V Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7294V Datasheet HTML 3Page - STMicroelectronics TDA7294V Datasheet HTML 4Page - STMicroelectronics TDA7294V Datasheet HTML 5Page - STMicroelectronics TDA7294V Datasheet HTML 6Page - STMicroelectronics TDA7294V Datasheet HTML 7Page - STMicroelectronics TDA7294V Datasheet HTML 8Page - STMicroelectronics TDA7294V Datasheet HTML 9Page - STMicroelectronics TDA7294V Datasheet HTML 10Page - STMicroelectronics TDA7294V Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VMon
Mute on threshold
1.5
V
VMoff
Mute off threshold
3.5
V
ATTmute
Mute attenuation
60
80
dB
1. MUSIC POWER CONCEPT - MUSIC POWER is the maximal power which the amplifier is capable of
producing across the rated load resistance (regardless of non linearity) 1 sec after the application of a
sinusoidal input signal of frequency 1 kHz.
2. Limited by the max. allowable current.
3. Tested with optimized application board (see Figure 4).
TDA7294
Electrical characteristics
DS0013 - Rev 8
page 7/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com