Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7294V Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7294V
Description  100 V, 100 W DMOS audio amplifier with mute/st-by
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7294V Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7294V Datasheet HTML 5Page - STMicroelectronics TDA7294V Datasheet HTML 6Page - STMicroelectronics TDA7294V Datasheet HTML 7Page - STMicroelectronics TDA7294V Datasheet HTML 8Page - STMicroelectronics TDA7294V Datasheet HTML 9Page - STMicroelectronics TDA7294V Datasheet HTML 10Page - STMicroelectronics TDA7294V Datasheet HTML 11Page - STMicroelectronics TDA7294V Datasheet HTML 12Page - STMicroelectronics TDA7294V Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
7
Application suggestion
The recommended values of the external components are those shown on the application circuit of Figure 1.
Different values can be used; the following table can help the designer.
COMPONENTS
SUGGESTED
VALUE
PURPOSE
LARGER THAN
SUGGESTED
SMALLER THAN
SUGGESTED
R1 (1)
22 kΩ
INPUT RESISTANCE
INCREASE INPUT
IMPEDANCE
DECREASE INPUT
IMPEDANCE
R2
680 Ω
CLOSED LOOP GAIN SET
TO 30 dB (2)
DECREASE OF GAIN
INCREASE OF GAIN
R3 (1)
22 kΩ
INCREASE OF GAIN
DECREASE OF GAIN
R4
22 kΩ
ST-BYTIME CONSTANT
LARGERST-BY ON/OFF
TIME
SMALLER ST-BY ON/OFF
TIME; POP NOISE
R5
10 kΩ
MUTE TIME CONSTANT
LARGER MUTE ON/OFF
TIME
SMALLER MUTE ON/OFF
TIME
C1
0.47 μF
INPUT DC DECOUPLING
HIGHER LOW
FREQUENCY CUTOFF
C2
22 μF
FEEDBACK DC
DECOUPLING
HIGHER LOW
FREQUENCY CUTOFF
C3
10 μF
MUTETIME CONSTANT
LARGER MUTE ON/OFF
TIME
SMALLER MUTE ON/OFF
TIME
C4
10 μF
ST-BYTIME CONSTANT
LARGERST-BY ON/OFF
TIME
SMALLERST-BY ON/OFF
TIME; POP NOISE
C5
22 μF
BOOT STRAPPING
SIGNAL DEGRADATION AT
LOW FREQUENCY
C6, C8
1000 μF
SUPPLY VOLTAGE
BYPASS
DANGER OF
OSCILLATION
C7, C9
0.1 μF
SUPPLY VOLTAGE
BYPASS
DANGER OF
OSCILLATION
1. R1= R3 for pop optimization.
2. Closed loop gain has to be 24 dB.
TDA7294
Application suggestion
DS0013 - Rev 8
page 9/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com