Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7294V Datasheet(PDF) 18 Page - STMicroelectronics

Part # TDA7294V
Description  100 V, 100 W DMOS audio amplifier with mute/st-by
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7294V Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TDA7294V Datasheet HTML 14Page - STMicroelectronics TDA7294V Datasheet HTML 15Page - STMicroelectronics TDA7294V Datasheet HTML 16Page - STMicroelectronics TDA7294V Datasheet HTML 17Page - STMicroelectronics TDA7294V Datasheet HTML 18Page - STMicroelectronics TDA7294V Datasheet HTML 19Page - STMicroelectronics TDA7294V Datasheet HTML 20Page - STMicroelectronics TDA7294V Datasheet HTML 21Page - STMicroelectronics TDA7294V Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
Figure 20. High efficiency application circuit
TDA7294
3
1
4
13
7
8
15
2
14
6
10
R3 680
C11 22µF
L3 5µH
270
R16
13K
C15
22µF
9
R16
13K
C13 10µF
R13 20K
C11 330nF
R15 10K
C14
10µF
R14 30K
D5
1N4148
PLAY
ST-BY
270
L1 1µH
T1
BDX53A
T3
BC394
D3 1N4148
R4
270
R5
270
T4
BC393
T5
BC393
R6
20K
R7
3.3K
C16
1.8nF
R8
3.3K
C17
1.8nF
Z2 3.9V
Z1 3.9V
L2 1µH
270
D4 1N4148
D2 BYW98100
R1
2
R2
2
C9
330nF
C10
330nF
T2
BDX54A
T6
BC393
T7
BC394
T8
BC394
R9
270
R10
270
R11
29K
OUT
IN
C7
100nF
C5
1000µF
C8
100nF
C6
1000µF
C1
1000µF
C2
1000µF
C3
100nF
C4
100nF
+40V
+20V
D1 BYW98100
GND
-20V
-40V
Figure 21. P.C.B. and components layout of the circuit of figure 18 (1:1 scale)
TDA7294
Application information
DS0013 - Rev 8
page 18/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com