Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7294V Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7294V
Description  100 V, 100 W DMOS audio amplifier with mute/st-by
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7294V Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7294V Datasheet HTML 1Page - STMicroelectronics TDA7294V Datasheet HTML 2Page - STMicroelectronics TDA7294V Datasheet HTML 3Page - STMicroelectronics TDA7294V Datasheet HTML 4Page - STMicroelectronics TDA7294V Datasheet HTML 5Page - STMicroelectronics TDA7294V Datasheet HTML 6Page - STMicroelectronics TDA7294V Datasheet HTML 7Page - STMicroelectronics TDA7294V Datasheet HTML 8Page - STMicroelectronics TDA7294V Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
1
Typical application
Figure 1. Typical application and test circuit
IN-
2
R2
680Ω
C2
22µF
C1 470nF
IN+
R1 22K
R6
2.7Ω
C10
100nF
3
R3 22K
-
+
MUTE
STBY
4
VM
VSTBY
10
9
IN+MUTE
MUTE
STBY
R4 22K
THERMAL
SHUTDOWN
S/C
PROTECTION
R5 10K
C3 10µF
C4 10µF
1
STBY-GND
C5
22µF
3
1
7
14
6
15
8
-Vs
-PWVs
BOOT-
STRAP
OUT
+PWVs
+Vs
C9 100nF
C8 1000µF
-Vs
+Vs
0
0
0
1
6
C
F
n
0
0
1
7
C
µF
Note:
The Boucherot cell R6, C10, normally not necessary for a stable operation it could be needed in presence of
particular load impedances at VS < ± 25 V.
TDA7294
Typical application
DS0013 - Rev 8
page 2/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com