Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCL-RHYTHM Datasheet(PDF) 13 Page - Elma Electronic Ltd

Part # SCL-RHYTHM
Description  M.2 NVMe Mass Storage & Quad M12 Gigabit Ethernet Networking
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

SCL-RHYTHM Datasheet(HTML) 13 Page - Elma Electronic Ltd

Back Button SCL-RHYTHM Datasheet HTML 9Page - Elma Electronic Ltd SCL-RHYTHM Datasheet HTML 10Page - Elma Electronic Ltd SCL-RHYTHM Datasheet HTML 11Page - Elma Electronic Ltd SCL-RHYTHM Datasheet HTML 12Page - Elma Electronic Ltd SCL-RHYTHM Datasheet HTML 13Page - Elma Electronic Ltd SCL-RHYTHM Datasheet HTML 14Page - Elma Electronic Ltd SCL-RHYTHM Datasheet HTML 15Page - Elma Electronic Ltd SCL-RHYTHM Datasheet HTML 16Page - Elma Electronic Ltd SCL-RHYTHM Datasheet HTML 17Page - Elma Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Product Information • SCL-RHYTHM • M.2 NVMe & Quad M12 Gigabit Ethernet
Mezzanine Connectors HSE1, HSE2
The SCL-RHYTHM is provided with two male mezzanine connectors on the bottom side of the PCB,
which mate with the female mezzanine connectors on the carrier CPU card, for a resulting board-to-
board mounting height of 18.7mm (4HP effective pitch, 8HP F/P width in total).
HSE1
HSE1 is used to pass a PCIe® x4 link from the CPU carrier card to the on-board M.2 NVMe connector,
for a suitable SSD mass storage module.
HSE2
HSE2 is provided to supply the SCL-RHYTHM side card with additional PCIe® lanes. A PCIe® x1 link is
established for each of the on-board I210-IT Gigabit Ethernet controllers. This requires the CPU carrier
card HSE2 connector configured to PCIe® 4x1 (and not PCIe® 1x4 or 2x2).
© EKF
-13-
ekf.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com