Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCL-RHYTHM Datasheet(PDF) 5 Page - Elma Electronic Ltd

Part # SCL-RHYTHM
Description  M.2 NVMe Mass Storage & Quad M12 Gigabit Ethernet Networking
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

SCL-RHYTHM Datasheet(HTML) 5 Page - Elma Electronic Ltd

  SCL-RHYTHM Datasheet HTML 1Page - Elma Electronic Ltd SCL-RHYTHM Datasheet HTML 2Page - Elma Electronic Ltd SCL-RHYTHM Datasheet HTML 3Page - Elma Electronic Ltd SCL-RHYTHM Datasheet HTML 4Page - Elma Electronic Ltd SCL-RHYTHM Datasheet HTML 5Page - Elma Electronic Ltd SCL-RHYTHM Datasheet HTML 6Page - Elma Electronic Ltd SCL-RHYTHM Datasheet HTML 7Page - Elma Electronic Ltd SCL-RHYTHM Datasheet HTML 8Page - Elma Electronic Ltd SCL-RHYTHM Datasheet HTML 9Page - Elma Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Product Information • SCL-RHYTHM • M.2 NVMe & Quad M12 Gigabit Ethernet
J-GP
J-RTC
P-HSE1
BATT1
P1
P2
P3
P4
P5
BATT2
P-FPH
Dual
GbE
P-ETH
Top Side
Component
Assembly
CPU
XEON E3 v6
®
PCH
CM238
P-SODM
SC5-FESTIVAL
CompactPCI Serial
EKF
ekf.com
•®
• ©
•
P-EXP
2 x
USB
3.0
DP
DP
EXP
HSE1
HSE2
P-HSE2
J-MFG
PCIe x4 M.2
2230
2260
2280
2242
M
M.2
PCIe x4
NVMe
HSE1
HSE2
System Requirements
The SCL-RHYTHM is a mezzanine side card, to
be fixed on top of a suitable CPU carrier board.
The pitch between carrier PCB and mezzanine
PCB is 4HP, resulting in a 8HP common front
panel for the entire assembly. Two mezzanine
inter-board connectors are provided, for
distribution of PCI Express® signals from the
CPU carrier to the SCL-RHYTHM side board.
The SCL-RHYTHM also is a carrier board itself,
which accommodates an M.2 NVMe SSD
storage module.
It is recommended to use a CompactPCI® Serial
backplane which provides the CPU card system
slot on the right edge, in order to prevent loss
of a peripheral slot (the SCL-RHYTHM is then
positioned out of the backplane shape).
The SCL-RHYTHM can be used e.g. with the
SC5-FESTIVAL CPU card. The SCL PCB does not
cover the CPU board with respect to the heat
sink area.
Hence, the CPU card may be equipped with a
heat sink which utilises the full 8HP height
available for the assembly unit, for optimized
heat dissipation.
© EKF
-5-
ekf.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com