Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCL-RHYTHM Datasheet(PDF) 7 Page - Elma Electronic Ltd

Part # SCL-RHYTHM
Description  M.2 NVMe Mass Storage & Quad M12 Gigabit Ethernet Networking
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

SCL-RHYTHM Datasheet(HTML) 7 Page - Elma Electronic Ltd

Back Button SCL-RHYTHM Datasheet HTML 3Page - Elma Electronic Ltd SCL-RHYTHM Datasheet HTML 4Page - Elma Electronic Ltd SCL-RHYTHM Datasheet HTML 5Page - Elma Electronic Ltd SCL-RHYTHM Datasheet HTML 6Page - Elma Electronic Ltd SCL-RHYTHM Datasheet HTML 7Page - Elma Electronic Ltd SCL-RHYTHM Datasheet HTML 8Page - Elma Electronic Ltd SCL-RHYTHM Datasheet HTML 9Page - Elma Electronic Ltd SCL-RHYTHM Datasheet HTML 10Page - Elma Electronic Ltd SCL-RHYTHM Datasheet HTML 11Page - Elma Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Product Information • SCL-RHYTHM • M.2 NVMe & Quad M12 Gigabit Ethernet
Carrier Card HSE1
Socket
Key Id M
4.2H
PCIe
Gen3
3.3V
HSE1
Simplified Block Diagram
SCL-RHYTHM
M.2
NVMe
M.2
PCIe
SSD
2230
2242
2260
2280
4 x I210-IT
1x4
Carrier Card HSE2
HSE2
PCIe
GbE
NIC
PCIe
Power
Switch
4x1
DC/DC
12V
TPS
54620
3.3V
45520
4HP
4
GbE
3
2
1
GbE
GbE
GbE
PCIe
GbE
NIC
PCIe
GbE
NIC
PCIe
GbE
NIC
Block Diagram
© EKF
-7-
ekf.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com