Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCL-RHYTHM Datasheet(PDF) 4 Page - Elma Electronic Ltd

Part # SCL-RHYTHM
Description  M.2 NVMe Mass Storage & Quad M12 Gigabit Ethernet Networking
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

SCL-RHYTHM Datasheet(HTML) 4 Page - Elma Electronic Ltd

  SCL-RHYTHM Datasheet HTML 1Page - Elma Electronic Ltd SCL-RHYTHM Datasheet HTML 2Page - Elma Electronic Ltd SCL-RHYTHM Datasheet HTML 3Page - Elma Electronic Ltd SCL-RHYTHM Datasheet HTML 4Page - Elma Electronic Ltd SCL-RHYTHM Datasheet HTML 5Page - Elma Electronic Ltd SCL-RHYTHM Datasheet HTML 6Page - Elma Electronic Ltd SCL-RHYTHM Datasheet HTML 7Page - Elma Electronic Ltd SCL-RHYTHM Datasheet HTML 8Page - Elma Electronic Ltd SCL-RHYTHM Datasheet HTML 9Page - Elma Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Product Information • SCL-RHYTHM • M.2 NVMe & Quad M12 Gigabit Ethernet
Feature Summary
Applications
<
Local expansion (side card) for EKF CPU boards
<
Industrial networks - IoT - TSN
<
Rugged environments
<
Router and gateway
<
Data acquisition
<
Edge computing
<
Railway usage via front panel M12 cabling
<
Transportation vehicles, construction and harvesting machinery
Environmental, Regulatory
<
Designed & manufactured in Germany
<
ISO 9001 certified quality management
<
Custom specific development available on request
<
Long term availability
<
Rugged solution
<
Coating, sealing, underfilling on request
<
RoHS compliant
<
Operating temperature -40°C to +85°C (industrial temperature range)
<
Storage temperature -40°C to +85°C, max. gradient 5°C/min
<
Humidity 5% ... 95% RH non condensing
<
Altitude -300m ... +3000m
<
Shock 15g 0.33ms, 6g 6ms
<
Vibration 1g 5-2000Hz
<
EC Regulations EN55022, EN55024, EN60950-1 (UL60950-1/IEC60950-1)
<
MTBF 48.9 years
© EKF
-4-
ekf.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com