Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCL-RHYTHM Datasheet(PDF) 14 Page - Elma Electronic Ltd

Part # SCL-RHYTHM
Description  M.2 NVMe Mass Storage & Quad M12 Gigabit Ethernet Networking
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

SCL-RHYTHM Datasheet(HTML) 14 Page - Elma Electronic Ltd

Back Button SCL-RHYTHM Datasheet HTML 10Page - Elma Electronic Ltd SCL-RHYTHM Datasheet HTML 11Page - Elma Electronic Ltd SCL-RHYTHM Datasheet HTML 12Page - Elma Electronic Ltd SCL-RHYTHM Datasheet HTML 13Page - Elma Electronic Ltd SCL-RHYTHM Datasheet HTML 14Page - Elma Electronic Ltd SCL-RHYTHM Datasheet HTML 15Page - Elma Electronic Ltd SCL-RHYTHM Datasheet HTML 16Page - Elma Electronic Ltd SCL-RHYTHM Datasheet HTML 17Page - Elma Electronic Ltd SCL-RHYTHM Datasheet HTML 18Page - Elma Electronic Ltd  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Product Information • SCL-RHYTHM • M.2 NVMe & Quad M12 Gigabit Ethernet
Carrier card connector 8mm female ERNI Microspeed 275.90.08.068.01
Supplement 10mm male connector for nominal height 18mm (SC* side card, B2B 18.7mm)
High Speed Expansion P-HSE1
CFG_34 *
b1
a1
CFG_12 *
3_PCIE_TXP
b2
a2
1_PCIE_TXP
3_PCIE_TXN
b3
a3
1_PCIE_TXN
GND
b4
a4
GND
3_PCIE_RXN
b5
a5
1_PCIE_RXN
3_PCIE_RXP
b6
a6
1_PCIE_RXP
GND
b7
a7
GND
4_PCIE_TXP
b8
a8
2_PCIE_TXP
4_PCIE_TXN
b9
a9
2_PCIE_TXN
GND
b10
a10
GND
4_PCIE_RXN
b11
a11
2_PCIE_RXN
4_PCIE_RXP
b12
a12
2_PCIE_RXP
GND
b13
a13
GND
2_USB3_TXP
b14
a14
1_USB2_P
2_USB3_TXN
b15
a15
1_USB2_N
GND
b16
a16
GND
2_USB3_RXP
b17
a17
2_USB2_P
2_USB3_RXN
b18
a18
2_USB2_N
GND
b19
a19
GND
PCIE_CLK_P
b20
a20
1_2_USB_OC#
PCIE_CLK_N
b21
a21
PLTRST#
+5VS 1)
b22
a22
+3.3VS 1)
+5VS 1)
b23
a23
+3.3VS 1)
+5VPS 2)
b24
a24
+3.3VA 3)
+12VPS 2)
b25
a25
+12VPS 2)
* CFG_12 and CFG_34 = open (10k PU on CPU carrier board) indicating that a PCIe x4 link is requested
1) Power rail switched on in S0 state only
2) Power rail switched on in S0-S4 state
3) Power always on
a1
s1
s9
s18
s10
a25
b25
b1
© EKF
-14-
ekf.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com