Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCL-RHYTHM Datasheet(PDF) 15 Page - Elma Electronic Ltd

Part # SCL-RHYTHM
Description  M.2 NVMe Mass Storage & Quad M12 Gigabit Ethernet Networking
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

SCL-RHYTHM Datasheet(HTML) 15 Page - Elma Electronic Ltd

Back Button SCL-RHYTHM Datasheet HTML 10Page - Elma Electronic Ltd SCL-RHYTHM Datasheet HTML 11Page - Elma Electronic Ltd SCL-RHYTHM Datasheet HTML 12Page - Elma Electronic Ltd SCL-RHYTHM Datasheet HTML 13Page - Elma Electronic Ltd SCL-RHYTHM Datasheet HTML 14Page - Elma Electronic Ltd SCL-RHYTHM Datasheet HTML 15Page - Elma Electronic Ltd SCL-RHYTHM Datasheet HTML 16Page - Elma Electronic Ltd SCL-RHYTHM Datasheet HTML 17Page - Elma Electronic Ltd SCL-RHYTHM Datasheet HTML 18Page - Elma Electronic Ltd  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
Product Information • SCL-RHYTHM • M.2 NVMe & Quad M12 Gigabit Ethernet
Carrier card connector 8mm female ERNI Microspeed 275.90.08.068.01
Supplement 10mm male connector for nominal height 18mm (SC* side card, B2B 18.7mm)
High Speed Expansion P-HSE2
3_PCIE_TXP
b1
a1
1_PCIE_TXP
3_PCIE_TXN
b2
a2
1_PCIE_TXN
GND
b3
a3
GND
3_PCIE_RXN
b4
a4
1_PCIE_RXN
3_PCIE_RXP
b5
a5
1_PCIE_RXP
GND
b6
a6
GND
4_PCIE_TXP
b7
a7
2_PCIE_TXP
4_PCIE_TXN
b8
a8
2_PCIE_TXN
GND
b9
a9
GND
4_PCIE_RXN
b10
a10
2_PCIE_RXN
4_PCIE_RXP
b11
a11
2_PCIE_RXP
GND
b12
a12
GND
DP_LANE2_P
b13
a13
DP_LANE0_P
DP_LANE2_N
b14
a14
DP_LANE0_N
GND
b15
a15
GND
DP_LANE3_P
b16
a16
DP_LANE1_P
DP_LANE3_N
b17
a17
DP_LANE1_N
GND
b18
a18
GND
DP_AUX_P
b19
a19
PCIE_CLK_P
DP_AUX_N
b20
a20
PCIE_CLK_N
DP_CFG1
b21
a21
GND
DP_HPD
b22
a22
SMB_SCL 1)
PLTRST#
b23
a23
SMB_SDA 1)
+12VPS 2)
b24
a24
+12VPS 2)
+12VPS 2)
b25
a25
+12VPS 2)
italic/grey pins are NC (shown for reference only)
PCIe® can pre-configured 1x4, 2x2, 4x1 via soft-straps (Flash image CPU carrier card). For the SCL-RHYTHM PCIe® 4x1 is
mandatory. If misaligned, only one or two NICs will be present after system enumeration.
1) Connection to SMBus, isolated after system reset 2) Power rail switched on in S0-S4 state
a1
s1
s9
s18
s10
a25
b25
b1
© EKF
-15-
ekf.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com