Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCL-RHYTHM Datasheet(PDF) 3 Page - Elma Electronic Ltd

Part # SCL-RHYTHM
Description  M.2 NVMe Mass Storage & Quad M12 Gigabit Ethernet Networking
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

SCL-RHYTHM Datasheet(HTML) 3 Page - Elma Electronic Ltd

  SCL-RHYTHM Datasheet HTML 1Page - Elma Electronic Ltd SCL-RHYTHM Datasheet HTML 2Page - Elma Electronic Ltd SCL-RHYTHM Datasheet HTML 3Page - Elma Electronic Ltd SCL-RHYTHM Datasheet HTML 4Page - Elma Electronic Ltd SCL-RHYTHM Datasheet HTML 5Page - Elma Electronic Ltd SCL-RHYTHM Datasheet HTML 6Page - Elma Electronic Ltd SCL-RHYTHM Datasheet HTML 7Page - Elma Electronic Ltd SCL-RHYTHM Datasheet HTML 8Page - Elma Electronic Ltd SCL-RHYTHM Datasheet HTML 9Page - Elma Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Product Information • SCL-RHYTHM • M.2 NVMe & Quad M12 Gigabit Ethernet
Features
Feature Summary
General
<
Mixed function mezzanine side card for EKF CompactPCI® Serial CPU boards
<
Based on new mezzanine connectors HSE1/HSE2 (8 x PCIe® Gen3)
<
Suitable e.g. for use with CPU cards SC4-CONCERTO or SC5-FESTIVAL
<
Provides Gigabit Ethernet front panel I/O (4 x M12-X)
<
Provides mass storage capability (M.2 NVMe)
<
8HP assembly together with CPU card
<
Proprietary PCB dimensions for optimized CPU card processor heat sink
Front Panel I/O
<
4 x M12 X-coded front panel GbE receptacles, rail approved, Cat6A, IEC 61076-2-109
<
1000BASE-T, 100BASE-TX, 10BASE-T compliant data transfer rate front ports
<
Future proof investment into cabling infrastructure - up to 10Gbps with M12 Cat6A
<
M12 X-coded to RJ45 connector Cat6A cable assemblies available from several suppliers
Networking
<
Four individual networking interface controllers (NIC), based on PCI Express®
<
1000BASE-T, 100BASE-TX, 10BASE-T connections
<
Intel® I210-IT -40°C to +85°C operating temperature GbE controllers w. integrated PHY
<
IPv4/IPv6 checksum offload, 9.5KB Jumbo Frame support, EEE Energy Efficient Ethernet
<
IEEE 802.1Qav Audio-Video-Bridging (AVB) enhancements for time-sensitive streams
(TSN)
<
IEEE 1588 and 802.1AS packets time stamping for high-precision time synchronization
<
All GbE ports wired via M12 X-coded front panel connectors
On-Board Mass Storage
<
M.2 (formerly known as NGFF) socket for an NVMe type SSD module up to 2280 size
<
PCI Express® Gen3 x4 interface (M-key socket)
<
Socket height 4.2H (double sided module allowed)
<
Capacity up to 2TB as of current
<
Suitable for operating system installation (boot device)
© EKF
-3-
ekf.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com