Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 48 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 48 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 44Page - STMicroelectronics L9679P Datasheet HTML 45Page - STMicroelectronics L9679P Datasheet HTML 46Page - STMicroelectronics L9679P Datasheet HTML 47Page - STMicroelectronics L9679P Datasheet HTML 48Page - STMicroelectronics L9679P Datasheet HTML 49Page - STMicroelectronics L9679P Datasheet HTML 50Page - STMicroelectronics L9679P Datasheet HTML 51Page - STMicroelectronics L9679P Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 279 page
background image
Start-up and power control
L9679P
48/279
DS11627 Rev 7
An open VCC pin shall lead to an under voltage condition on VCC supply monitor. The SPI
related signals (SCLK, MISO, MOSI, CS) or other digital nets shall not power the VCC pin
due to back-feeding paths.
Figure 23. VCC regulator state diagram
VCC_ON
VCC pullup disabled
All Output Buffer enabled
VCC BUCK
power mode control
VCC_UVL = 1 when VCC < VCCuvl
VCC_UV = 1 when VCC < VCCuv
VCC_OV = 1 when VCC > VCCov
DIS_VCOREMON = VCCSEL > Vth1_vccsel
SATBUCK_OK = 1 when SATBUCK > Vsatbck_ok
VCCGND_loss =1
OR
VCORE_OV =1
OR
VCC_OV = 1
OR
[(VCC_UV=1 OR VCC_UVL=1) AND T1 timeout)]
SLEEP_MODE
OR
POWER-OFF_MODE
T1 timeout
AND
VCC_UVL = 0
AND
VCC_UV = 0
VCCGND_loss = 0
AND
SATBUCK_OK = 1
All Ouput Buffer disabled
VCC pull-up disabled
VCC_OFF
VCC pull-up enabled
Start T1 4ms
VCC_rampup
VCCGND_loss =1
OR
VCC_OV =1
OR
VCC_UVL =1
(VCORE_UV =1 AND DIS_VCOREMON =0)
OR
VCORE_OV =1
T2 timeout
(Buck is not running)
VCC pull-up disabled
Start T2 5ms
VCC_SHUTDOWN
GAPGPS02270



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com