Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 41 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 41 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 37Page - STMicroelectronics L9679P Datasheet HTML 38Page - STMicroelectronics L9679P Datasheet HTML 39Page - STMicroelectronics L9679P Datasheet HTML 40Page - STMicroelectronics L9679P Datasheet HTML 41Page - STMicroelectronics L9679P Datasheet HTML 42Page - STMicroelectronics L9679P Datasheet HTML 43Page - STMicroelectronics L9679P Datasheet HTML 44Page - STMicroelectronics L9679P Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 279 page
background image
DS11627 Rev 7
41/279
L9679P
Start-up and power control
278
Figure 14. ER discharge state diagram
6.5
ER CAP diagnostic
The L9679P IC contains a full integrated solution to check the connection, value and series
resistance of energy reserve capacitor independent from ER Cap leakage current and Boost
Voltage level.
6.5.1
ER CAP measurement
The IC contains two current generators used to charge and discharge the energy reserve
capacitor connected on ER pin. The simplified block diagram is shown in the figure below.
Figure 15. ER CAP measurement block diagram
To obtain an accurate ER CAP measurement, the VER voltage conversion must be required
when both current generators are off, namely no current flows through ER cap permits to
avoid ESR error contribution.
GAPGPS02258
power mode control
ER Discharge
[Active_mode = 1
OR
(POWER_MODE_SHUTDOWN=1
AND
VER_VBATMON_COMP=1)]
AND
SYS_CTL(ER_CUR_EN[1:0]) = 10
AND
“ER CAP ESR DIAG not in progress”
/SLEEP_MODE = 0
OR
ER_STATE = 1
OR
SPI ER_CUR_EN[1:0]
10
OR
(POWER_MODE_SHUTDOWN=1
AND
VER_VBATMON_COMP=0)
SSM_Reset
ER DISCHARGE
ON
Start T1 350ms
ER DISCHARGE
OFF
Reset T1
POWER_MODE_SHUTDOWN=0
AND T1 timeout
ER DISCHARGE
STBY
Default SYS_CTL(ER_CUR_EN[1:0]) = 00 at
SSM_RESET = 1
/SLEEP_MODE = 0
OR
ER_STATE = 1
OR
SPI ER_CUR_EN[1:0]
10
POWER_MODE_SHUTDOWN
ER_Discharge OFF
=1
VER_VBATMON_COMP = 1 when VER < VBATMON + Vver_vbatmon_th
ERBOOST
ER_CHARGE
ER_DISCHARGE
GNDA
ER Cap
ESR
I
GND_ADC
VER
EN
CAPmes
ADC
10-bit
C
leak
GAPGPS02261



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com