Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 29 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 25Page - STMicroelectronics L9679P Datasheet HTML 26Page - STMicroelectronics L9679P Datasheet HTML 27Page - STMicroelectronics L9679P Datasheet HTML 28Page - STMicroelectronics L9679P Datasheet HTML 29Page - STMicroelectronics L9679P Datasheet HTML 30Page - STMicroelectronics L9679P Datasheet HTML 31Page - STMicroelectronics L9679P Datasheet HTML 32Page - STMicroelectronics L9679P Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 279 page
background image
DS11627 Rev 7
29/279
L9679P
Start-up and power control
278
6.2
Power mode control
Start-up and power down of the L9679P are controlled by the WAKEUP pin, VBATMON pin,
VIN pin, device status and the SPI interface. There are four main power modes: power-off,
sleep, active and passive mode.
Each power mode is described below and represented in the state flow diagram shown in
Figure 4. The descriptions include references to conditions and sometimes nominal values.
The absolute values for each condition are listed in the electrical specifications section.
Figure 4. Power control state flow diagram
GAPGPS02250
ACTIVE MODE
POWER-OFF MODE
(All supplies disabled)
PASSIVE MODE
SLEEP MODE
POWER
OFF
state
WAKEUP
MONITOR
state
AWAKE
State
WAKEUP >
WU_on
STARTUP
state
RUN
state
ER
state
WAKEUP>
WU_mon
WAKEUP <
WU_mon
[(WAKEUP < WU_off) AND
(WakeUpFilt = 0)]
WakeUpFilt= 1
AND
VIN>VINGOOD
WakeUpFilt= 0
OR
VIN<VINBAD
Twakeup > 9ms
WakeUpFilt= 1
AND
VIN<VINGOOD)
POWERMODE
SHUTDOWN
state
WakeUpFilt = 0
AND
SPI_SYS_CTL(SPI_OFF=1)
VIN < VINGOOD
WakeUpFilt = 0
AND SPI_SLEEP
WakeUpFilt = 0
AND SPI_SLEEP
WakeUpFilt= 1
AND
VIN>VINGOOD
POR
From
any state
Twakeup Timer: Cleared if (State = WAKEUP MONITOR or AWAKE ) and WakeUpFilt=0
VBATmon > VBGOOD
(blanking time 10ms)
VINGOOD
blanking
state
WakeUpFilt = 0
AND SPI_SLEEP
T > Tvingood_blk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com