Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 65 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 65 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 61Page - STMicroelectronics L9679P Datasheet HTML 62Page - STMicroelectronics L9679P Datasheet HTML 63Page - STMicroelectronics L9679P Datasheet HTML 64Page - STMicroelectronics L9679P Datasheet HTML 65Page - STMicroelectronics L9679P Datasheet HTML 66Page - STMicroelectronics L9679P Datasheet HTML 67Page - STMicroelectronics L9679P Datasheet HTML 68Page - STMicroelectronics L9679P Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 279 page
background image
DS11627 Rev 7
65/279
L9679P
SPI interfaces
278
7.3
Global SPI tables
A summary of all the registers contained within the global SPI map are shown below and are
referenced throughout the specification as they apply. The SPI register tables also specify
the effect of the internal reset signals assertion on each bit field.
Note:
The symbol '-' is used to indicate that the register is not affected by the relevant reset signal.
7.3.1
Global SPI global status word
The Global SPI of L9679P contains an 11-bit word that returns global status information.
The Global Status Word (GSW) of the Global SPI is the most significant 11 bits of MISO_G
data.
Table 7. Global SPI Global Status Word
MISO_G GSW
Name
POR WSM SSM
Description
31
10
SPIFLT
0
0
0
SPI Fault, set if previous SPI frame had wrong parity check
or wrong number of bits, cleared upon read
0 No fault
1 Fault
30
9
DEPOK
0
0
0
General Deployment Successful Flag, logical OR of the
corresponding CHxDS bits (bit 15) in DSRx Registers
0 All the DSRx-CHDS bits are 0
1 At least one of the DSRx-CHDS bits is 1
29
8
0
0
0
0
Unused
28
7
WDT/TM_S
0
0
0
State of WDT/TM pin
0 WDT/TM=0
1 WDT/TM=1
27
6
ERSTATE
0
0
0
Set when Powermode state machine is in ER state
0 Powermode state machine is not in ER state
1 Powermode state machine is in ER state
26
5
POWERFLT
0
0
0
Fault present in Power State Register, logical OR between
bits from 18 to 9 of POWER_STATE Register
0 All the bits from 18 to 9 in the POWER_STATE Registers
are 0s
1 At least one of the bits from 18 to 9 in the
POWER_STATE Registers is 1
25
4
FLT
1
1
1
Fault present in Fault Status Register (FLTSR), logical OR
between all bits of FLTSR
0 All the bits in the Fault Status Register (FLTSR) are 0s
1 At least one of the bits in the Fault Status Register
(FLTSR) is 1
24
3
CONVRDY2
0
0
0
ADC Conversion of request C or D has been completed so
new results are available
0 No new data available
1 New data available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com