Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 21 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 17Page - STMicroelectronics L9679P Datasheet HTML 18Page - STMicroelectronics L9679P Datasheet HTML 19Page - STMicroelectronics L9679P Datasheet HTML 20Page - STMicroelectronics L9679P Datasheet HTML 21Page - STMicroelectronics L9679P Datasheet HTML 22Page - STMicroelectronics L9679P Datasheet HTML 23Page - STMicroelectronics L9679P Datasheet HTML 24Page - STMicroelectronics L9679P Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 279 page
background image
DS11627 Rev 7
21/279
L9679P
Operative maximum ratings
278
93
CVDD
Internal 3.3V regulator output
-0.1
3.6
V
94
GNDD
Digital ground
-0.1
0.1
-
95
VCC
VCC Buck Voltage
-0.1
5.5
V
96
ARM1
Arming 1 signal (output with internal safing
engine, input with external safing engine)
-0.1
VCC+0.1 <= 5.5
V
97
ARM2
Arming 2 signal (output with internal safing
engine, input with external safing engine)
-0.1
VCC+0.1 <= 5.5
V
98
NC
Not connected
99
FENL
LS Driver FET control input
-0.1
VCC+0.1 <= 5.5
V
100
GNDSUB2
Substrate ground / Squib/pyroswitch ground
-0.1
0.1
V
-
Exposed Pad Down Substrate ground / Squib/pyroswitch ground
-0.1
0.1
V
Table 2. Operative maximum ratings (continued)
Pin
#
Pin name
Pin function
Min
Max
Unit
Table 3. ESD robustness
Symbol
Parameter
Test conditions
Min
Unit
HBM
HBM Human Body Model from Q100-002
All pins
±2000
V
HBM
HBM Human Body Model from Q100-002
Only for pins RSUx, SFx, SRx, DCSx
±4000
V
CDM
CDM Charged Device Model from Q100-011 All pins
±500
V
CDM
CDM Charged Device Model from Q100-011 Corner pins
±750
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com