Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 43 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 43 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 39Page - STMicroelectronics L9679P Datasheet HTML 40Page - STMicroelectronics L9679P Datasheet HTML 41Page - STMicroelectronics L9679P Datasheet HTML 42Page - STMicroelectronics L9679P Datasheet HTML 43Page - STMicroelectronics L9679P Datasheet HTML 44Page - STMicroelectronics L9679P Datasheet HTML 45Page - STMicroelectronics L9679P Datasheet HTML 46Page - STMicroelectronics L9679P Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 279 page
background image
DS11627 Rev 7
43/279
L9679P
Start-up and power control
278
6.5.2
ER CAP ESR measurement
The IC contains the capability to perform a measurement of the equivalent series resistance
of energy reserve capacitor. In this case the discharge current is 10 times higher to create a
voltage difference proportional to the ER CAP ESR. The voltage measurement and
conversion is automatically executed once the user requires the ESR measurement through
the LPDIAGREQ register.
Figure 17. ER ESR measurement block diagram
After an ESR measurement is requested, the IC executes an internal automatic sequence to
take three voltage measurements at the ER node, toggling the ER discharge current source
on and off as shown in Figure 18. The test lasts for TESR_DIAG. After this time has elapsed,
the results can be retrieved by reading the DIAGCTRL_x registers. The three ER voltage
measurements are provided at the same time in DIAGCTRLA, DIAGCTRLB and
DIAGCTRLC registers. During the execution of the ESR measurement no other activity on
ADC is allowed. The user must ensure no other ADC requests are queued to be executed at
the same time of ESR measurement. The ESR diagnostic, once initiated, will continue
without interruption even if the device enters in ER State because of a battery loss event.
ER_DISCHARGE
Level shifter
+
S & H
GNDA
ER Cap
ESR
I
GND_ADC
VER
ADC
10-bit
C
leak
GAPGPS02263



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com