Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 89 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 89 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 85Page - STMicroelectronics L9679P Datasheet HTML 86Page - STMicroelectronics L9679P Datasheet HTML 87Page - STMicroelectronics L9679P Datasheet HTML 88Page - STMicroelectronics L9679P Datasheet HTML 89Page - STMicroelectronics L9679P Datasheet HTML 90Page - STMicroelectronics L9679P Datasheet HTML 91Page - STMicroelectronics L9679P Datasheet HTML 92Page - STMicroelectronics L9679P Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 279 page
background image
DS11627 Rev 7
89/279
L9679P
SPI interfaces
278
7.4.16
WD1 timer control register (WD1T)
ID:
2B
Type:
RW
Read:
2B00
Write:
0056
WDTMIN[6:0] $32 $32
- WD1 window minimum value - resolution according to WD1_MODE bit ($32 =
400 µs in WD1 fast mode)
Updated by WSM RESET or SPI write while in WD1 INT state.
WDTDELTA[6:0] $19 $19
- WD1 window delta value - WDTMAX = WDTMIN + WDTDELTA - resolution
according to WD1_MODE bit ($19 = 200 µs in WD1 fast mode)
Updated by WSM RESET or SPI write while in WD1 INT state.
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
MOSI
-
X
X
X
X
X
X
X
X
X
X
X
X
X
X WD1CTL[1:0]
MISO
0
0
0
0
WD1_TIMER
0
0
0
0
0
0
WD1CTL[1:0]
WD1CTL[1:0]
00
00
00 WD1 Control command
Updated by SSM_RESET or SPI write
00 NOP
01 Code ‘A’
10 Code ‘B’
11 NOP
1 Slow WD1 mode - nominal 64µs timer resolution (16.3ms max value)
WD1_TIMER
$00 $00 $00
WD1 window timer value
-Cleared by SSM_RESET or by WD1 refresh, incremented every 8 µs or
64 µs while in WD1_RUN or WD1_TEST states



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com