Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 131 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 131 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 127Page - STMicroelectronics L9679P Datasheet HTML 128Page - STMicroelectronics L9679P Datasheet HTML 129Page - STMicroelectronics L9679P Datasheet HTML 130Page - STMicroelectronics L9679P Datasheet HTML 131Page - STMicroelectronics L9679P Datasheet HTML 132Page - STMicroelectronics L9679P Datasheet HTML 133Page - STMicroelectronics L9679P Datasheet HTML 134Page - STMicroelectronics L9679P Datasheet HTML 135Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 279 page
background image
DS11627 Rev 7
131/279
L9679P
SPI interfaces
278
7.4.50
Safing records request target registers (SAF_REQ_TARGET_x)
Safing record request mask for record 1 (SAF_REQ_TARGET_1)
Safing record request mask for record 2 (SAF_REQ_TARGET_2)
Safing record request mask for record 3 (SAF_REQ_TARGET_3)
Safing record request mask for record 4 (SAF_REQ_TARGET_4)
Safing record request mask for record 5 (SAF_REQ_TARGET_5)
Safing record request mask for record 6 (SAF_REQ_TARGET_6)
Safing record request mask for record 7 (SAF_REQ_TARGET_7)
Safing record request mask for record 8 (SAF_REQ_TARGET_8)
Safing record request mask for record 9 (SAF_REQ_TARGET_9)
Safing record request mask for record 14_pt1 (SAF_REQ_TARGET_14)_pt1
Safing record request mask for record 14_pt2 (SAF_REQ_TARGET_14)_pt2
Safing record request mask for record 15_pt1 (SAF_REQ_TARGET_15)_pt1
Safing record request mask for record 15_pt2 (SAF_REQ_TARGET_15)_pt2
Safing record request mask for record 16_pt1 (SAF_REQ_TARGET_16)_pt1
Safing record request mask for record 16_pt2 (SAF_REQ_TARGET_16)_pt2
ID:
93 (SAF_REQ_TARGET_1)
94 (SAF_REQ_TARGET_2)
95 (SAF_REQ_TARGET_3)
96 (SAF_REQ_TARGET_4)
97 (SAF_REQ_TARGET_5)
98 (SAF_REQ_TARGET_6)
99 (SAF_REQ_TARGET_7)
9A (SAF_REQ_TARGET_8)
9B (SAF_REQ_TARGET_9)
A0 (SAF_REQ_TARGET_14_pt1
A1 (SAF_REQ_TARGET_14_pt2)
A2 (SAF_REQ_TARGET_15_pt1)
A3 (SAF_REQ_TARGET_15_pt2)
A4 (SAF_REQ_TARGET_16_pt1)
A5 (SAF_REQ_TARGET_16_pt2)
Type:
R/W
Read:
9300 (SAF_REQ_TARGET_1)
9400 (SAF_REQ_TARGET_2)
9500 (SAF_REQ_TARGET_3)
9600 (SAF_REQ_TARGET_4)
9700 (SAF_REQ_TARGET_5)
9800 (SAF_REQ_TARGET_6)
9900 (SAF_REQ_TARGET_7)
9A00 (SAF_REQ_TARGET_8)
9B00 (SAF_REQ_TARGET_9)
A000 (SAF_REQ_TARGET_14_pt1
A100 (SAF_REQ_TARGET_14_pt2)
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
MOSI
-
SAF_REQ_TARGET[15:0]
MISO
0
0
0
0
SAF_REQ_TARGET[15:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com