Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 147 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 147 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 143Page - STMicroelectronics L9679P Datasheet HTML 144Page - STMicroelectronics L9679P Datasheet HTML 145Page - STMicroelectronics L9679P Datasheet HTML 146Page - STMicroelectronics L9679P Datasheet HTML 147Page - STMicroelectronics L9679P Datasheet HTML 148Page - STMicroelectronics L9679P Datasheet HTML 149Page - STMicroelectronics L9679P Datasheet HTML 150Page - STMicroelectronics L9679P Datasheet HTML 151Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 279 page
background image
DS11627 Rev 7
147/279
L9679P
SPI interfaces
278
7.7
Remote sensor SPI read/write registers
7.7.1
Remote sensor data/fault registers (RSDRx @FLT = 0)
Note:
The value in Bit15 (FLT) will re-define the use of the other bits, hence the tables below are
divided into two groups (Section 7.7.1 and Section 7.7.2).
Remote Sensor Data and Fault Flag Register ch 0, slot 1 (RSDR0)
Remote Sensor Data and Fault Flag Register ch 1, slot 1 (RSDR1)
Remote Sensor Data and Fault Flag Register ch 0, slot 2 (RSDR4)
Remote Sensor Data and Fault Flag Register ch 1, slot 2 (RSDR5)
Remote Sensor Data and Fault Flag Register ch 0, slot 3 (RSDR8)
Remote Sensor Data and Fault Flag Register ch 1, slot 3 (RSDR9)
Bit 15 = 0 NO FAULT Condition
ID:
50 (RSDR0)
51 (RSDR1)
54 (RSDR4)
55 (RSDR5)
58 (RSDR8)
59 (RSDR9)
Type:
R
Read:
5000 (RSDR0)
5100 (RSDR1)
5400 (RSDR4)
5500 (RSDR5)
5800 (RSDR8)
5900 (RSDR9)
Write:
-
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
MOSI_RS
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
MISO_RS
(PSI5)
CRC
0
LCID [3:0]
DATA [9:0]
CRC[2:0]
-
-
- CRC based on bits [16:0]
Updated based on bits [16:0]
FLT
1
1
1 Fault Status - Depending on Fault Status, the DATA bits are defined differently
Cleared when all of the following bits are '0': STG, STB, CURRENT_HI,
OPENDET, RSTEMP, INVALID, SLOT_ERROR, NODATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com