Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 162 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 162 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 158Page - STMicroelectronics L9679P Datasheet HTML 159Page - STMicroelectronics L9679P Datasheet HTML 160Page - STMicroelectronics L9679P Datasheet HTML 161Page - STMicroelectronics L9679P Datasheet HTML 162Page - STMicroelectronics L9679P Datasheet HTML 163Page - STMicroelectronics L9679P Datasheet HTML 164Page - STMicroelectronics L9679P Datasheet HTML 165Page - STMicroelectronics L9679P Datasheet HTML 166Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 279 page
background image
Deployment drivers
L9679P
162/279
DS11627 Rev 7
Figure 33. Deployment loop diagnostics
The leakage diagnostic includes short to battery, short to ground and shorts between loops.
The test is applied to each SFx and SRx pin so shorts can be detected regardless of the
resistance between the squib/pyroswitch pins.
8.5.1
Low level diagnostic approach
In this approach, each of the test steps described in the sections below requires user
intervention by issuing the proper SPI command.
High voltage leakage test for oxide isolation check
This test is mandatory to address possible leakages that could not be experienced at low
voltages on SFx or SRx pins. The Isource current generator (ISRC) is enabled on the chosen
SFx pin. To confirm that the SFx pin has then reached a suitable voltage level, a dedicated
ADC measurement on the SFx pin can be requested. Once this test is performed, a leakage
test on SFx and SRx pins can be issued to double check possible leakages.
Leakage to battery/ground diagnostics
Prior to the real test, the Voltage Regulator Current Monitor block (VRCM) has to be tested
and validated. The validation of VRCM goes into verifying both the short to battery and short
to ground flags.
The Isource current generator (ISRC) is first connected to SFx pin to raise its voltage to
SYNCBOOST. Then, the Voltage Regulator Current Monitor block (VRCM) is enabled and
SSxy
+
-
Voffset
+
-
HV analog MUX
Short to GND
Short to BAT
Squib resistor LOW
Squib resistor HIGH
Squib resistance measure
Vout
EMI low pass
filter
Squib loop
driver and
diagnostic
blocks
xN
SYNCBOOST
ISRC
VER pin
(from Energy Reserve)
Safing
transistor
SATBUCK
Bypass
VRCM (voltage regulator current monitor)
(system error < 8%)
Vref = 2v5
LSB = 2.5/1024 V
Tot err = ±4 LSB
10bit
A to D
3v3 supply
Vref=2v5
Gain = 5.25
I=1mA
Ipulldown
ISINK
Ilimit=70mA
GNDA
VBat
Vgnd or
RLeak
RLeak
VBat
Vgnd or
Rsquib
22 nF
SGx
SRx
SFx
22 nF
SFx_sense
SFx_force
1nF
SRx_sense
SRx_force
ISRC_CURR_SEL
8/40 mA
GADG1406180908PS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com