Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 208 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 208 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 204Page - STMicroelectronics L9679P Datasheet HTML 205Page - STMicroelectronics L9679P Datasheet HTML 206Page - STMicroelectronics L9679P Datasheet HTML 207Page - STMicroelectronics L9679P Datasheet HTML 208Page - STMicroelectronics L9679P Datasheet HTML 209Page - STMicroelectronics L9679P Datasheet HTML 210Page - STMicroelectronics L9679P Datasheet HTML 211Page - STMicroelectronics L9679P Datasheet HTML 212Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 279 page
background image
General purpose output (GPO) drivers
L9679P
208/279
DS11627 Rev 7
13
General purpose output (GPO) drivers
The L9679P contains three General Purpose Output (GPO) drivers configurable either as
high-side or low-side modes. The drivers can be independently controlled in ON-OFF mode
or in PWM mode setting the desired duty cycle value through the GPO Control Register
(GPOCTRLx).
For low side driver configuration, the GPODx pin is the drain connection of an internal
MOSFET and is the current sink for the output driver. The GPOSx pin is the source
connection of the internal MOSFET and is externally connected to ground. For high side
driver configuration, the GPODx pin will be connected to battery and GPOSx pin will be
connected to load's high side.
Figure 65. GPO driver and diagnostic block diagram
The drivers are configured in one of the two modes through the GPO Configuration Register
(GPOCR) register. This hardware configuration is only allowed during the Init and Diag
states.
When configured as high-side, the drivers need ER Boost voltage to be above the
VERBST_OK threshold to be enabled.
The default state of all drivers is off. The drivers can be independently activated via SPI
control bits on GPO Control Register (GPOCTRLx). In addition, a set point on the
GPOCTRLx will control the output drivers in PWM with a 125Hz frequency. If PWM control is
desired, user should set the needed set point in the GPOxPWM bits of the GPOCTRLx
while activating the interface. When all bits are set to '0', the GPOx output will be disabled.
GAPGPS02302
S
R
6
R
)
1
0
GPOFLTSR(GPOxTEMP
ERBOOST_OK
GPOCR(GPOxLS)
SPI(RID=‘GPOFLTSR’)
SSM_RESET
GPOCTRLx[5:0]
GPOCR(GPOxLS)
SSM_RESET
SPI(WID=‘GPOCR’)
(8kHz / 125μs)
PWM_CLK
OUT
ON
PWM CTL
CTL
EN
VOUT_GPOx_OL
OFF
I
DS
I
R
S
GPOFLTSR(GPOxDISABLE)
GPOSx
GPODx
GPOFLTSR(GPOxONOPN)
GPOFLTSR(GPOxOFFOPN)
R
S
S
GPOFLTSR(GPOxOC)
GPOFLTSR(GPOxSHORT)
IDS > IOC_GPO
IDS < IOL_GPO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com