Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679P Datasheet(PDF) 257 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 257 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 253Page - STMicroelectronics L9679P Datasheet HTML 254Page - STMicroelectronics L9679P Datasheet HTML 255Page - STMicroelectronics L9679P Datasheet HTML 256Page - STMicroelectronics L9679P Datasheet HTML 257Page - STMicroelectronics L9679P Datasheet HTML 258Page - STMicroelectronics L9679P Datasheet HTML 259Page - STMicroelectronics L9679P Datasheet HTML 260Page - STMicroelectronics L9679P Datasheet HTML 261Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 279 page
background image
DS11627 Rev 7
257/279
L9679P
Electrical characteristics
278
16
Vt2
Sync pulse amplitude
IRSU = 4 - 35 mA
Referred to VRSUx voltage
before sync pulse
Syncboost = 12 V, 14.75 V,
18 V and 35 V
3.8
-
-
V
17
VSYNCDROP
Sync drop-out voltage
VSYNCBOOST - VRSUx
1
-
-
V
18
ILIM_SYNC_LS
Sync pulse current limit
(LS driver)
-
50
-
80
mA
19
ILIM_SYNC
Static current limitation for
each transceiver output
RSUx
During sync
pulse generator VRSUx=GND
-240
-
-120
mA
20
C1
Capacitor on RSUx
Regulator
22 nF nominal
Design Info
13
-
-
nF
21
RE2
RSU damping resistance
Design info
-
2.5
-
Ω
22
C2
ECU pin capacitance
5 nF nominal
Design Information, not tested
4
-
6
nF
23
-
Total number of sensors
connected to bus
Design info
1
-
3
-
Table 62. PSI-5 satellite transceiver - DC specifications (continued)
No
Symbol
Parameter
Conditions
Min
Typ
Max Unit
Table 63. PSI-5 satellite transceiver - AC specifications
No
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
1
TBit_125k
Bit time (125kbps
mode)
At the sensor connector
7.6
8
8.4
μs
2
TBit_189k
Bit time (189kbps
mode)
At the sensor connector
5
5.3
5.6
μs
3
TFLT_OCTH_PSI5
Over Current
Detection deglitch
filter time
Normal operation
500
-
600
μs
4
TBLK_OCTH_PSI5
Over Current
Detection
Blanking Time
At interface power on (BLKTxSEL = 0)
4.6
-
5.4
ms
5
At interface power on (BLKTxSEL = 1)
9.4
-
10.8
ms
6
TSTBTH
Reverse Battery
Blocking Enable
Time
-
12
-
16
μs
7
t0
Reference time
@0.5 V on top of V(RSUx)
Syncboost = 12 V, 14.75 V, 18 V and
35 V
-
0
-
-
8
t1
Start delay time
From t0 to SATSYNC
Syncboost = 12 V, 14.75 V, 18 V and
35 V
-3
-
-
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com